Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFAF20U20DN Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FFAF20U20DN
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFAF20U20DN Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FFAF20U20DN Datasheet HTML 1Page - Fairchild Semiconductor FFAF20U20DN Datasheet HTML 2Page - Fairchild Semiconductor FFAF20U20DN Datasheet HTML 3Page - Fairchild Semiconductor FFAF20U20DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
80
0.0
0.5
1.0
1.5
2.0
T
C = 25
oC
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
0
100
200
300
400
500
600
Typical Capacitance
at 0V = 589 pF
Reverse Voltage , V
R
[V]
100
500
0
1
2
3
4
5
6
7
8
I
F = 20A
T
C
= 25
o
C
di/dt [A/
µs]
0
50
100
150
200
0.001
0.01
0.1
1
10
100
1000
T
C = 100
o
C
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
20
25
30
35
40
I
F = 20A
Tc = 25
oC
di/dt [A/
µs]
60
80
100
120
140
160
0
5
10
15
20
25
30
Case Temperature , T
C [
o
C]


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FFA15U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFP05U60DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFPF15U20S ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A2CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)
BYT108 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
FFA15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF20U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A4CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)
FFA15U40DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn