Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFAF20U20DN Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FFAF20U20DN
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFAF20U20DN Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FFAF20U20DN Datasheet HTML 1Page - Fairchild Semiconductor FFAF20U20DN Datasheet HTML 2Page - Fairchild Semiconductor FFAF20U20DN Datasheet HTML 3Page - Fairchild Semiconductor FFAF20U20DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings (per diode) T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode) T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C20
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
200
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
2.1
°C/W
Symbol
Parameter
Min.
Typ..
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 20A
I F = 20A
TC = 25 °C
TC = 100 °C
-
-
-
-
1.2
1.0
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
20
200
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =20A, di/dt = 200A/µs)
-
-
-
-
-
-
40
4.0
80
ns
A
nC
WAVL
Avalanche Energy
0.5
-
-
mJ
FFAF20U20DN
Features
• Ultrafast with soft recovery
• Low forward voltage
Applications
• Power switching circuits
• Output rectifiers
• Freewheeling diodes
• Switching mode power supply
TO-3PF
1
2
3
1. Anode 2.Cathode 3. Anode


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FFA15U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFP05U60DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFPF15U20S ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A2CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)
BYT108 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
FFA15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF20U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A4CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)
FFA15U40DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn