Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5270BCPZ-20-RL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5270BCPZ-20-RL7
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5270BCPZ-20-RL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5270BCPZ-20-RL7 Datasheet HTML 6Page - Analog Devices AD5270BCPZ-20-RL7 Datasheet HTML 7Page - Analog Devices AD5270BCPZ-20-RL7 Datasheet HTML 8Page - Analog Devices AD5270BCPZ-20-RL7 Datasheet HTML 9Page - Analog Devices AD5270BCPZ-20-RL7 Datasheet HTML 10Page - Analog Devices AD5270BCPZ-20-RL7 Datasheet HTML 11Page - Analog Devices AD5270BCPZ-20-RL7 Datasheet HTML 12Page - Analog Devices AD5270BCPZ-20-RL7 Datasheet HTML 13Page - Analog Devices AD5270BCPZ-20-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5270/AD5271
Data Sheet
Rev. F | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD 11
VSS
2
2
A
3
3
W
4
4
SDO
10
9
8
SCLK
7
5
EXT_CAP
DIN
6
GND
AD5270/
AD5271
TOP VIEW
(Not to Scale)
SYNC
Figure 5. MSOP Pin Configuration
SYNC
VDD 1
VSS
2
A
3
W
4
SDO
10
9
8
SCLK
7
5
EXT_CAP
DIN
6 GND
NOTES
1. THE EXPOSED PAD IS LEFT FLOATING
OR IS TIED TO VSS.
AD5270/
AD5271
(EXPOSED
PAD)
Figure 6. LFCSP Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply. Decouple this pin with 0.1 μF ceramic capacitors and 10 μF capacitors.
2
A
Terminal A of RDAC. VSS ≤ VA ≤ VDD.
3
W
Wiper Terminal of RDAC. VSS ≤ VW ≤ VDD.
4
VSS
Negative Supply. Connect to 0 V for single-supply applications. Decouple this pin with 0.1 μF ceramic
capacitors and 10 μF capacitors.
5
EXT_CAP
External Capacitor. Connect a 1 μF capacitor between EXT_CAP and VSS. This capacitor must have a voltage
rating of ≥7 V.
6
GND
Ground Pin, Logic Ground Reference.
7
SDO
Serial Data Output. This pin can be used to clock data from the shift register in daisy-chain mode or in
readback mode. This open-drain output requires an external pull-up resistor even if it is not use.
8
DIN
Serial Data Line. This pin is used in conjunction with the SCLK line to clock data into or out of the 16-bit input
register.
9
SCLK
Serial Clock Input. Data is clocked into the shift register on the falling edge of the serial clock input. Data can
be transferred at rates up to 50 MHz.
10
SYNC
Falling Edge Synchronization Signal. This is the frame synchronization signal for the input data. When SYNC
goes low, it enables the shift register and data is transferred in on the falling edges of the subsequent clocks.
The selected register is updated on the rising edge of SYNC following the 16th clock cycle. If SYNC is taken
high before the 16th clock cycle, the rising edge of SYNC acts as an interrupt, and the write sequence is
ignored by the RDAC.
EPAD
Exposed Pad
Leave floating or connected to VSS.


Numéro de pièce similaire - AD5270BCPZ-20-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
   Devices Connected
More results

Description similaire - AD5270BCPZ-20-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5291 AD-AD5291 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com