Moteur de recherche de fiches techniques de composants électroniques |
|
AD5160BRJZ10-R22 Fiches technique(PDF) 7 Page - Analog Devices |
|
AD5160BRJZ10-R22 Fiches technique(HTML) 7 Page - Analog Devices |
7 / 16 page AD5160 Rev. B | Page 7 of 16 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS A B CS SDI 1 2 3 4 5 8 7 6 W VDD GND CLK TOP VIEW (Not to Scale) AD5160 Figure 3. Pin Configuration Table 5. Pin Function Descriptions Pin Mnemonic Description 1 W W Terminal. 2 VDD Positive Power Supply. 3 GND Digital Ground. 4 CLK Serial Clock Input. Positive edge triggered. 5 SDI Serial Data Input. 6 CS Chip Select Input, Active Low. When CS returns high, data loads into the DAC register. 7 B B Terminal. 8 A A Terminal. |
Numéro de pièce similaire - AD5160BRJZ10-R22 |
|
Description similaire - AD5160BRJZ10-R22 |