Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFAF10U120DN Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce FFAF10U120DN
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFAF10U120DN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFAF10U120DN Datenblatt HTML 1Page - Fairchild Semiconductor FFAF10U120DN Datasheet HTML 2Page - Fairchild Semiconductor FFAF10U120DN Datenblatt HTML 3Page - Fairchild Semiconductor FFAF10U120DN Datenblatt HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
50
01
234
56
T
C
= 25
o
C
T
C
= 100
o
C
Forward Voltage , V
F [V]
0.1
1
10
100
25
50
75
100
125
150
175
200
Typical Capacitance
at 0V = 164 pF
Reverse Voltage , V
R [V]
100
500
0
2
4
6
8
10
12
14
16
T
C
= 100
o
C
T
C
= 25
0
C
V
R
= 200V
I
F
= 10A
di/dt [A/
µs]
0
200
400
600
800
1000
1200
0.001
0.01
0.1
1
10
100
1000
T
C = 100
o
C
T
C
= 25
o
C
Reverse Voltage , V
R [V]
100
500
40
60
80
100
120
140
T
C = 100
o
C
T
C
= 25
o
C
V
R
= 200V
I
F
= 10A
di/dt [A/
µs]
60
80
100
120
140
160
0
2
4
6
8
10
12
14
16
Case Temperature , T
C [
o
C]


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn