Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA05U120DN Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce FFA05U120DN
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA05U120DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFA05U120DN Datasheet HTML 1Page - Fairchild Semiconductor FFA05U120DN Datenblatt HTML 2Page - Fairchild Semiconductor FFA05U120DN Datenblatt HTML 3Page - Fairchild Semiconductor FFA05U120DN Datenblatt HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings (per diode) T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode) T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
1200
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C5
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
30
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
3.4
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 5A
I F = 5A
TC = 25 °C
TC = 100 °C
-
-
-
-
3.5
3.2
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
5
600
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =5A, di/dt = 200A/µs)
-
-
-
-
-
-
100
7
280
ns
A
nC
WAVL
Avalanche Energy
1.0
-
-
mJ
FFA05U120DN
Features
• High voltage and high reliability
• High speed switching
• Low forward voltage
Applications
• General purpose
• Switching mode power supply
• Free-wheeling diode for motor application
• Power switching circuits
TO-3P
1
2
3
1. Anode 2.Cathode 3. Anode


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn