Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDZ5047N Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDZ5047N
Description  30V N-Channel Logic Level PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ5047N Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDZ5047N Datasheet HTML 1Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 2Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 3Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 4Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 5Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDZ5047N Rev D4 (W)
Dimensional Outline and Pad Layout


Numéro de pièce similaire - FDZ5047N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FDZ501 ETC1-FDZ501 Datasheet
54Kb / 6P
   N-Channel Enhancement
logo
Tyco Electronics
FDZ5013 MACOM-FDZ5013 Datasheet
312Kb / 3P
   Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
   Frequency Doubler
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
   Frequency Doubler
logo
Tyco Electronics
FDZ5013C MACOM-FDZ5013C Datasheet
312Kb / 3P
   Frequency Doubler
More results

Description similaire - FDZ5047N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ7064N FAIRCHILD-FDZ7064N Datasheet
186Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
   30V N-Channel, Logic Level, PowerTrench MOSFET
FDP6676 FAIRCHILD-FDP6676 Datasheet
82Kb / 5P
   30V N-Channel Logic Level PowerTrench MOSFET
FDZ7296 FAIRCHILD-FDZ7296 Datasheet
218Kb / 6P
   30V N-Channel PowerTrench BGA MOSFET
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
   N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com