Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDZ5047N Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDZ5047N
Description  30V N-Channel Logic Level PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ5047N Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDZ5047N Datasheet HTML 1Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 2Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 3Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 4Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 5Page - Fairchild Semiconductor FDZ5047N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDZ5047N Rev D4 (W)
Typical Characteristics
0
2
4
6
8
10
0
2040
6080
100
Qg, GATE CHARGE (nC)
ID = 22A
VDS =10V
20V
15V
0
2000
4000
6000
8000
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f =1MHz
VGS = 0V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 95
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 95°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 95 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Numéro de pièce similaire - FDZ5047N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FDZ501 ETC1-FDZ501 Datasheet
54Kb / 6P
   N-Channel Enhancement
logo
Tyco Electronics
FDZ5013 MACOM-FDZ5013 Datasheet
312Kb / 3P
   Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
   Frequency Doubler
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
   Frequency Doubler
logo
Tyco Electronics
FDZ5013C MACOM-FDZ5013C Datasheet
312Kb / 3P
   Frequency Doubler
More results

Description similaire - FDZ5047N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ7064N FAIRCHILD-FDZ7064N Datasheet
186Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
   30V N-Channel, Logic Level, PowerTrench MOSFET
FDP6676 FAIRCHILD-FDP6676 Datasheet
82Kb / 5P
   30V N-Channel Logic Level PowerTrench MOSFET
FDZ7296 FAIRCHILD-FDZ7296 Datasheet
218Kb / 6P
   30V N-Channel PowerTrench BGA MOSFET
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
   N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com