Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM207EARU Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADM207EARU
Description  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM207EARU Fiches technique(HTML) 5 Page - Analog Devices

  ADM207EARU Datasheet HTML 1Page - Analog Devices ADM207EARU Datasheet HTML 2Page - Analog Devices ADM207EARU Datasheet HTML 3Page - Analog Devices ADM207EARU Datasheet HTML 4Page - Analog Devices ADM207EARU Datasheet HTML 5Page - Analog Devices ADM207EARU Datasheet HTML 6Page - Analog Devices ADM207EARU Datasheet HTML 7Page - Analog Devices ADM207EARU Datasheet HTML 8Page - Analog Devices ADM207EARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 5 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM206E
C1–
V+
C1+
VCC
GND
T3OUT
T1OUT
T2OUT
R1IN
T1IN
T2IN
R1OUT
C2+
C2–
V–
R3IN
R3OUT
T4OUT
R2IN
R2OUT
SHDN
T3IN
T4IN
EN
Figure 2. ADM206E Pin Configuration
+5V TO +10V
VOLTAGE
DOUBLER
0.1µF
6.3V
+
+
0.1µF
5V INPUT
+
0.1µF
16V
0.1µF
6.3V
+
0.1µF
16V
+
T1
T2
T3
T4
R1
R2
R3
GND
ADM206E
T1IN
T2IN
T3IN
T4IN
R1OUT
R2OUT
R3OUT
T1OUT
T2OUT
T3OUT
T4OUT
R1IN
R2IN
R3IN
SHDN
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
C1+
C1–
C2+
C2–
V+
V–
EN
1 INTERNAL 400kΩ PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2 INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
+10V TO –10V
VOLTAGE
INVERTER
VCC
Figure 3. ADM206E Typical Operating Circuit
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM207E
C1–
V+
C1+
VCC
GND
T3OUT
T1OUT
T2OUT
R1IN
T1IN
T2IN
R1OUT
C2+
C2–
V–
R3IN
R3OUT
T4OUT
R2IN
R2OUT
T5IN
T3IN
T4IN
T5OUT
Figure 4. ADM207E Pin Configuration
+10V TO –10V
VOLTAGE
INVERTER
+5V TO +10V
VOLTAGE
DOUBLER
0.1µF
6.3V
+
+
0.1µF
5V INPUT
+
0.1µF
10V
0.1µF
10V
+
0.1µF
10V
+
T1
T2
T3
T4
R1
R2
R3
GND
ADM207E
T1IN
T2IN
T3IN
T4IN
R1OUT
R2OUT
R3OUT
T1OUT
T2OUT
T3OUT
T4OUT
R1IN
R2IN
R3IN
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
1 INTERNAL 400kΩ PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2 INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
C1+
C1–
C2+
C2–
VCC
V+
V–
T5
T5IN
T5OUT
24
23
20
16
15
4
8
9
11
19
18
14
13
21
6
7
10
12
1
3
2
5
17
22
Figure 5. ADM207E Typical Operating Circuit


Numéro de pièce similaire - ADM207EARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM207EARU AD-ADM207EARU Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM207EARU AD-ADM207EARU Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARU-REEL AD-ADM207EARU-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARU-REEL7 AD-ADM207EARU-REEL7 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARUZ-REEL71 AD-ADM207EARUZ-REEL71 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Description similaire - ADM207EARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com