Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4117BRUZ1 Fiches technique(PDF) 8 Page - Analog Devices |
|
ADF4117BRUZ1 Fiches technique(HTML) 8 Page - Analog Devices |
8 / 28 page ADF4116/ADF4117/ADF4118 Rev. D | Page 8 of 28 TYPICAL PERFORMANCE CHARACTERISTICS FREQ MagS11 AngS11 0.95 0.92087 –36.961 1.00 0.93788 –39.343 1.05 0.9512 –40.134 1.10 0.93458 –43.747 1.15 0.94782 –44.393 1.20 0.96875 –46.937 1.25 0.92216 –49.6 1.30 0.93755 –51.884 1.35 0.96178 –51.21 1.40 0.94354 –53.55 1.45 0.95189 –56.786 1.50 0.97647 –58.781 1.55 0.98619 –60.545 1.60 0.95459 –61.43 1.65 0.97945 –61.241 1.70 0.98864 –64.051 1.75 0.97399 –66.19 1.80 0.97216 –63.775 FREQ MagS11 AngS11 0.05 0.89207 –2.0571 0.10 0.8886 –4.4427 0.15 0.89022 –6.3212 0.20 0.96323 –2.1393 0.25 0.90566 –12.13 0.30 0.90307 –13.52 0.35 0.89318 –15.746 0.40 0.89806 –18.056 0.45 0.89565 –19.693 0.50 0.88538 –22.246 0.55 0.89699 –24.336 0.60 0.89927 –25.948 0.65 0.87797 –28.457 0.70 0.90765 –29.735 0.75 0.88526 –31.879 0.80 0.81267 –32.681 0.85 0.90357 –31.522 0.90 0.92954 –34.222 PARAM-TYPE DATA-FORMAT KEYWORD IMPEDANCE- OHMS FREQ- UNIT GHz S MA R 50 Figure 4. S-Parameter Data for the ADF4118 RF Input (Up to 1.8 GHz) RF INPUT FREQUENCY (GHz) 04.0 0.5 1.5 2.0 2.5 3.0 3.5 –35 0 –15 –20 –25 –30 –5 –10 1.0 VDD = 3V VP = 3V TA = –40°C –40 –45 TA = +25°C TA = +85°C Figure 5. Input Sensitivity (ADF4118) –2kHz –1kHz 900MHz 1kHz 2kHz REFERENCE LEVEL = –4.2dBm 0 –50 –70 –80 –90 –10 –30 –60 –40 –20 –100 –90.2dBc/Hz VDD = 3V, VP = 5V ICP = 1mA PFD FREQUENCY = 200kHz LOOP BANDWIDTH = 20kHz RES. BANDWIDTH = 10Hz VIDEO BANDWIDTH = 10Hz SWEEP = 1.9 SECONDS AVERAGES = 22 Figure 6. ADF4118 Phase Noise (900 MHz, 200 kHz, 20 kHz) RL = –40dBc/Hz 10dB/DIVISION RMS NOISE = 0.64° 100Hz FREQUENCY OFFSET FROM 900MHz CARRIER 1MHz –40 –80 –100 –50 –70 –60 –90 –110 –120 –130 –140 0.64° rms Figure 7. ADF4118 Integrated Phase Noise (900 MHz, 200 kHz, 35 kHz, Typical Lock Time: 200 μs) RL = –40dBc/Hz 10dB/DIVISION RMS NOISE = 0.575° 100Hz FREQUENCY OFFSET FROM 900MHz CARRIER 1MH –40 –70 –80 –90 –100 –50 –60 –110 –120 –130 –140 0.575° rms z Figure 8. ADF4118 Integrated Phase Noise (900 MHz, 200 kHz, 20 kHz, Typical Lock Time: 400 μs) –400kHz –200kHz 900MHz 200kHz 400kHz REFERENCE LEVEL = –3.8dBm 0 –50 –70 –80 –90 –10 –30 –60 –40 –20 –100 –91.5dBc VDD = 3V, VP = 5V ICP = 1mA PFD FREQUENCY = 200kHz LOOP BANDWIDTH = 20kHz RES. BANDWIDTH = 1kHz VIDEO BANDWIDTH = 1kHz SWEEP = 2.5 SECONDS AVERAGES = 4 Figure 9. ADF4118 Reference Spurs (900 MHz, 200 kHz, 20 kHz) |
Numéro de pièce similaire - ADF4117BRUZ1 |
|
Description similaire - ADF4117BRUZ1 |