Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9430BSV-170 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9430BSV-170
Description  12-Bit, 170/210 MSPS 3.3 V A/D Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9430BSV-170 Fiches technique(HTML) 4 Page - Analog Devices

  AD9430BSV-170 Datasheet HTML 1Page - Analog Devices AD9430BSV-170 Datasheet HTML 2Page - Analog Devices AD9430BSV-170 Datasheet HTML 3Page - Analog Devices AD9430BSV-170 Datasheet HTML 4Page - Analog Devices AD9430BSV-170 Datasheet HTML 5Page - Analog Devices AD9430BSV-170 Datasheet HTML 6Page - Analog Devices AD9430BSV-170 Datasheet HTML 7Page - Analog Devices AD9430BSV-170 Datasheet HTML 8Page - Analog Devices AD9430BSV-170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9430
Rev. E | Page 4 of 44
DC SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = –40°C, TMAX = +85°C, fIN = –0.5 dBFS, internal reference, full scale = 1.536 V, LVDS output mode,
unless otherwise noted.
Table
1.
AD9430-170
AD9430-210
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Offset Error
25°C
I
–3
+3
–3
+3
mV
Gain Error
25°C
I
–5
+5
–5
+5
% FS
Differential Nonlinearity (DNL)
25°C
I
–1
± 0.3
+1
–1
± 0.3
+1
LSB
Full
VI
–1
± 0.3
+1.5
–1
± 0.3
+1.5
LSB
Integral Nonlinearity (INL)
25°C
I
–1.5
± 0.5
+1.5
–1.75
± 0.3
+1.75
LSB
Full
VI
–2.25
± 0.5
+2.25
–2.5
± 0.3
+2.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
58
58
μV/°C
Gain Error
Full
V
0.02
0.02
%/°C
Reference Out (VREF)
Full
V
+0.12/–0.24
+0.12/–0.24
mV/°C
REFERENCE
Reference Out (VREF)
25°C
I
1.15
1.235
1.3
1.15
1.235
1.3
V
Output Current1
25°C
IV
3.0
3.0
mA
IVREF Input Current2
25°C
I
20
20
μA
ISENSE Input Current2
25°C
I
1.6
5.0
1.6
5.0
mA
ANALOG INPUTS (VIN+, VIN–)3
Differential Input Voltage Range
(S5 = GND)
Full
V
1.536
1.536
V
Differential Input Voltage Range
(S5 = AVDD)
Full
V
0.766
0.766
V
Input Common-Mode Voltage
Full
VI
2.65
2.8
2.9
2.65
2.8
2.9
V
Input Resistance
Full
VI
2.2
3
3.8
2.2
3
3.8
Input Capacitance
25°C
V
5
5
pF
POWER SUPPLY (LVDS Mode)
AVDD
Full
IV
3.1
3.3
3.6
3.2
3.3
3.6
V
DRVDD
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
Supply Currents
IANALOG (AVDD = 3.3 V)4
Full
VI
335
372
390
450
mA
IDIGITAL (DRVDD = 3.3 V)4
Full
VI
55
62
55
62
mA
Power Dissipation4
Full
VI
1.29
1.43
1.5
1.7
W
Power Supply Rejection
25°C
V
–7.5
–7.5
mV/V


Numéro de pièce similaire - AD9430BSV-170

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 20P
   12-Bit, 170 MSPS 3.3V A/D Converter
REV. PrG 4/01/2002
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 45P
   3.3V A/D Converter
More results

Description similaire - AD9430BSV-170

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9230 AD-AD9230 Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9430 AD-AD9430 Datasheet
1Mb / 20P
   12-Bit, 170 MSPS 3.3V A/D Converter
REV. PrG 4/01/2002
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com