Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8218 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8218
Description  Zero Drift, Bidirectional Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8218 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8218_13 Datasheet HTML 7Page - Analog Devices AD8218_13 Datasheet HTML 8Page - Analog Devices AD8218_13 Datasheet HTML 9Page - Analog Devices AD8218_13 Datasheet HTML 10Page - Analog Devices AD8218_13 Datasheet HTML 11Page - Analog Devices AD8218_13 Datasheet HTML 12Page - Analog Devices AD8218_13 Datasheet HTML 13Page - Analog Devices AD8218_13 Datasheet HTML 14Page - Analog Devices AD8218_13 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8218
Rev. B | Page 11 of 16
APPLICATION NOTES
SUPPLY (VS) CONNECTIONS
The AD8218 includes an internal LDO, which allows the user
to leave the VS pin floating, powering the AD8218 directly from
the voltage present at Pin 1 (+IN), provided this voltage is in the
4 V to 80 V range. A typical connection for the part in this
configuration is shown in Figure 29.
+IN
ILOAD
VS
SHUNT
GND
–IN
REF
LOAD
4V
TO
80V
2.5V
BATTERY
AD8218
OUT
ICHARGE
ENB
Figure 29. Operation with No VS Connection
The AD8218 can also be powered from a separate low impedance
supply at Pin 2 (VS); however, this voltage can only be in the 4 V
to 5.5 V range. In cases where the high voltage bus is susceptible
to noise, transients, or high voltage fluctuations and a 5 V supply is
available, the AD8218 can be used in the mode depicted in
Figure 30.
+IN
ILOAD
VS
SHUNT
GND
–IN
REF
LOAD
4V
TO
80V
BATTERY
AD8218
OUT
ICHARGE
ENB
5V
2.5V
CF
Figure 30. 5 V Supply Operation
ENABLE PIN (ENB) OPERATION
The AD8218 includes an internal reference that can be enabled
by connecting Pin 3 (ENB) to ground. This mode of operation
is shown in Figure 31.
+IN
ILOAD
VS
SHUNT
GND
–IN
REF
LOAD
4V
TO
80V
BATTERY
AD8218
OUT
ENB
Figure 31. Enabling the Internal 80 mV Reference
In this configuration, the internal 80 mV reference is activated,
and the output of the AD8218 is 80 mV when the differential
input voltage is 0 V and the voltage at Pin 7 (REF) is also 0 V. This
internal reference is useful in unidirectional current measurements
where the current being monitored has a very wide range. Setting
the output starting point to 80 mV means that when the load
current through the shunt resistor is 0 A, the output is 80 mV.
This ensures that the output errors due to initial offset and the
output saturation range of the amplifier are overcome. In this
mode, the transfer function of the AD8218 becomes
OUT (V) = OUT (V) = (20 × VIN) + 0.08 V
If Pin 3 is connected to ground, and therefore the internal
reference is enabled, 80 mV must always be added to the
transfer function of the AD8218.


Numéro de pièce similaire - AD8218_13

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
More results

Description similaire - AD8218_13

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA225 TI-INA225_15 Datasheet
1Mb / 33P
[Old version datasheet]   36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com