Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7795BRUZ-REEL1 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7795BRUZ-REEL1
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7795BRUZ-REEL1 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7795BRUZ-REEL1 Datasheet HTML 7Page - Analog Devices AD7795BRUZ-REEL1 Datasheet HTML 8Page - Analog Devices AD7795BRUZ-REEL1 Datasheet HTML 9Page - Analog Devices AD7795BRUZ-REEL1 Datasheet HTML 10Page - Analog Devices AD7795BRUZ-REEL1 Datasheet HTML 11Page - Analog Devices AD7795BRUZ-REEL1 Datasheet HTML 12Page - Analog Devices AD7795BRUZ-REEL1 Datasheet HTML 13Page - Analog Devices AD7795BRUZ-REEL1 Datasheet HTML 14Page - Analog Devices AD7795BRUZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD7794/AD7795
Rev. D | Page 11 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
AD7794/
AD7795
TOP VIEW
(Not to Scale)
SCLK 1
DIN
24
CLK 2
DOUT/RDY
23
CS 3
DVDD
22
NC 4
AVDD
21
AIN6(+)/P1 5
GND
20
AIN6(–)/P2 6
PSW
19
AIN1(+) 7
AIN4(–)/REFIN2(–)
18
AIN1(–) 8
AIN4(+)/REFIN2(+)
17
AIN2(+) 9
AIN5(–)/IOUT1
16
AIN2(–) 10
AIN5(+)/IOUT2
15
AIN3(+) 11
REFIN1(–)
14
AIN3(–) 12
REFIN1(+)
13
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK has a Schmitt-
triggered input, making the interface suitable for opto-isolated applications. The serial clock can be
continuous with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous
clock with the information being transmitted to or from the ADC in smaller batches of data.
2
CLK
Clock In/Clock Out. The internal clock can be made available at this pin. Alternatively, the internal clock can
be disabled, and the ADC can be driven by an external clock. This allows several ADCs to be driven from a
common clock, allowing simultaneous conversions to be performed.
3
CS
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC in
systems with more than one device on the serial bus or as a frame synchronization signal in communicating
with the device. CS can be hardwired low, allowing the ADC to operate in 3-wire mode with SCLK, DIN, and
DOUT used to interface with the device.
4
NC
No Connect.
5
AIN6(+)/P1
Analog Input/Digital Output Pin. AIN6(+) is the positive terminal of the differential analog input pair,
AIN6(+)/AIN6(−). This pin can also function as a general-purpose output bit referenced between AVDD and GND.
6
AIN6(−)/P2
Analog Input/Digital Output Pin. AIN6(−) is the negative terminal of the differential analog input pair,
AIN6(+)/AIN6(−). This pin can also function as a general-purpose output bit referenced between AVDD and GND.
7
AIN1(+)
Analog Input. AIN1(+) is the positive terminal of the differential analog input pair, AIN1(+)/AIN1(−).
8
AIN1(−)
Analog Input. AIN1(−) is the negative terminal of the differential analog input pair, AIN1(+)/AIN1(−).
9
AIN2(+)
Analog Input. AIN2(+) is the positive terminal of the differential analog input pair, AIN2(+)/AIN2(−).
10
AIN2(−)
Analog Input. AIN2(−) is the negative terminal of the differential analog input pair, AIN2(+)/AIN2(−).
11
AIN3(+)
Analog Input. AIN3(+) is the positive terminal of the differential analog input pair, AIN3(+)/AIN3(−).
12
AIN3(−)
Analog Input. AIN3(−) is the negative terminal of the differential analog input pair, AIN3(+)/AIN3(−).
13
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−). REFIN1(+)
can lie anywhere between AVDD and GND + 0.1 V. The nominal reference voltage, (REFIN1(+) − REFIN1(−)), is
2.5 V, but the part functions with a reference from 0.1 V to AVDD.
14
REFIN1(−)
Negative Reference Input. This reference input can lie anywhere between GND and AVDD − 0.1 V.
15
AIN5(+)/IOUT2
Analog Input/Output of Internal Excitation Current Source. AIN5(+) is the positive terminal of the differential
analog input pair AIN5(+)/AIN5(−). Alternatively, the internal excitation current source can be made available at
this pin and is programmable so that the current can be 10 μA, 210 μA, or 1 mA. Either IEXC1 or IEXC2 can be
switched to this output.
16
AIN5(−)/IOUT1
Analog Input/Output of Internal Excitation Current Source. AIN5(−) is the negative terminal of the
differential analog input pair, AIN5(+)/AIN5(−). Alternatively, the internal excitation current source can be
made available at this pin and is programmable so that the current can be 10 μA, 210 μA, or 1 mA. Either
IEXC1 or IEXC2 can be switched to this output.
17
AIN4(+)/REFIN2(+)
Analog Input/Positive Reference Input. AIN4(+) is the positive terminal of the differential analog input pair
AIN4(+)/AIN4(−). This pin also functions as a positive reference input for REFIN2. REFIN2(+) can lie anywhere
between AVDD and GND + 0.1 V. The nominal reference voltage (REFIN2(+) to REFIN2(−)) is 2.5 V, but the part
functions with a reference from 0.1 V to AVDD.


Numéro de pièce similaire - AD7795BRUZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7795 AD-AD7795 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7795 AD-AD7795_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
More results

Description similaire - AD7795BRUZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7792 AD-AD7792_07 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com