Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

192993-0106 Fiches technique(PDF) 85 Page - ITT Industries

No de pièce 192993-0106
Description  Cannon Trident Series
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

192993-0106 Fiches technique(HTML) 85 Page - ITT Industries

Back Button 192993-0106 Datasheet HTML 81Page - ITT Industries 192993-0106 Datasheet HTML 82Page - ITT Industries 192993-0106 Datasheet HTML 83Page - ITT Industries 192993-0106 Datasheet HTML 84Page - ITT Industries 192993-0106 Datasheet HTML 85Page - ITT Industries 192993-0106 Datasheet HTML 86Page - ITT Industries 192993-0106 Datasheet HTML 87Page - ITT Industries 192993-0106 Datasheet HTML 88Page - ITT Industries 192993-0106 Datasheet HTML 89Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
85
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
IP rating Chart
Second digit of IP Number – Ingress of water
IP 0
IP 1
IP 2
IP 3
IP 4
IP 5
IP 6
IP 7
IP 8
Meaning for the
protection of
equipment against
ingress of solid
foreign objects
Meaning for the
protection of persons
against access to
hazardous parts with
non-
protected
Protected
against
vertically
falling
water
drops
Protected
against
vertically
falling water
drops when
device is tilted
up to 15˚
Water sprayed
an angle up
to 60˚ on
either side of
the vertical
shall have no
harmful effects
Water splashed
from any
direction
shall have no
harmful effects
Water project-
ed in jets from
any direction
shall have no
harmful effects
Water project-
ed in powerful
jets from any
direction
shall have no
harmful effects
Protected
against
temporary
immersion
Protected
against
continuous
immersion
IP 0 non-protected
non-protected
IP 00
IP 1 Protected against
solid foreign objects
larger in diameter
than 50 mm (1.97 in)
Protected against
access to hazardous
parts with the back
of the hand
IP 10 IP 11
IP 12
IP 2 Protected against
solid foreign objects
larger in diameter
than 12.5 mm (.49 in)
Protected against
access to hazardous
parts with a finger
IP 20 IP 21
IP 22
IP 23
IP 3 Protected against
solid foreign objects
larger in diameter
than 2.5 mm (.10 in.)
Protected against
access to hazardous
parts with a tool
larger in diameter
than 2.5 mm (.10 in.)
IP 30 IP 31
IP 32
IP 33
IP 34
IP 4 Protected against
solid foreign objects
larger in diameter
than 1.0 mm (.04 in.)
Protected against
access to hazardous
parts with a wire
larger in diameter
than 1.0 mm (.04 in.)
IP 40 IP 41
IP 42
IP 43
IP 44
IP 5 Ingress of dust is
not totally prevented,
but dust shall not
penetrate in a quantity
to interfere with
satisfactory operation
of the apparatus or
to impair safety
Protected against
access to hazardous
parts with a wire
larger in diameter
than 1.0 mm (.04 in.)
IP 54
IP 55
IP 6 No ingress of dust
Protected against
access to hazardous
parts with a wire
larger in diameter
than 1.0 mm (.04 in.)
IP 66
IP 67
IP 68
Cannon Trident Connectors
Chart 1 International Protection (IP) ratings for IEC 529
First digit of IP Number
– Ingress of foreign objects


Numéro de pièce similaire - 192993-0106

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-0350 ITT-192990-0350 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-0360 ITT-192990-0360 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-0360 ITT-192990-0360 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
More results

Description similaire - 192993-0106

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com