Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

192993-0106 Fiches technique(PDF) 18 Page - ITT Industries

No de pièce 192993-0106
Description  Cannon Trident Series
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

192993-0106 Fiches technique(HTML) 18 Page - ITT Industries

Back Button 192993-0106 Datasheet HTML 14Page - ITT Industries 192993-0106 Datasheet HTML 15Page - ITT Industries 192993-0106 Datasheet HTML 16Page - ITT Industries 192993-0106 Datasheet HTML 17Page - ITT Industries 192993-0106 Datasheet HTML 18Page - ITT Industries 192993-0106 Datasheet HTML 19Page - ITT Industries 192993-0106 Datasheet HTML 20Page - ITT Industries 192993-0106 Datasheet HTML 21Page - ITT Industries 192993-0106 Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
18
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Snap Together - Slimline
The Slimline Range offers a low profile
connector system that is well suited for circuit
board applications. The precision machined
contacts are ideal for power and sensitive
signals. All Snap Together - Slimline connectors
are RoHS Compliant.
Applications:
Junction Boxes.
Communications equipment.
Test equipment.
Instrumentation.
Product Features
Less than 10,00 (.393) width on PC board.
Pin headers pre-loaded with straight or 90° machined solder tail pins.
Mating plug accepts all Trident signal crimp socket contacts, see page 64.
Plugs have integrally molded quick connect/disconnect latches.
Five single row contact arrangements available.
Recognized under the component program of UL Inc.
Gold plated version available with earth pin capability.
10 A per circuit.
Performance Specifications
Materials and Finishes
Insulator
Black Nylon, UL 94 V-0
Test
Method
Criteria of Acceptance
Dielectric Withstanding Voltage
2000 V ac
No breakdown
Thermal Shock
-55°C to +125°C (-67°F to +257°F), 5 cycles
No physical damage
Physical Shock
50 g’s peak, 3 axes,
No physical damage.
11 millisecond duration half-sine pulse
No loss of continuity >1 sec
Vibration
10 g’s peak,
No physical damage,
10-500 Hz, 9 hours
No loss of continuity >1 sec
Durability 500 cycles of mating and unmating,
No mechanical or
500 mating cycles max
electrical defects
Salt Spray
48 hours
Shall be capable of mating and unmating
and meet contact resistance requirements
High Temperature Endurance
1000 hours at 125°C (+257°F)
Insulation Resistance > 100 MW
Humidy Steady State
RH 90-95%, 40°C (+125°F), 504 hours
Insulation Resistance > 100 MW
Moisture Resistance
10 Cycles
Insulation Resistance > 100 MW
The table below summarizes the results of key tests. Data is applicable to standard connectors with standard contacts.
Variations may affect this data, so please consult factory for further information on your requirements.
Test Specifications
1 Depends on contacts used, layout, and degree of pollution
2 Depends on number and type of contacts used
3 Depends on plating and type of contacts used
Operating Voltage1 Up to 250 V ac rms
Contact Current Rating2 Up to 10 A
Operating Temperature -55°C to +105°C (-67°F to +221°F) for free Plug & Receptacles
-40°C to +105°C (-40°F to +221°F) for PCB Mounted Receptacles
Insulation Resistance 5000MW min. at 500 V dc
Durability3 Up to 500 Mating Cylces
Connector Latching Force 150 N min. with latches engaged
Panel Retention Force 500 N min.
Flammability UL 94 V-0


Numéro de pièce similaire - 192993-0106

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-0350 ITT-192990-0350 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-0360 ITT-192990-0360 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-0360 ITT-192990-0360 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
More results

Description similaire - 192993-0106

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com