Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MS3116-J-10-6P Datasheet(Fiches technique) 16 Page - Amphenol Corporation

Numéro de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Télécharger  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo 

MS3116-J-10-6P Datasheet(HTML) 16 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
14
ND
L
ND
XL
TERMINATION ASSEMBLIES
“A” General Duty/
“C” Pressurized“
PT00A-XX-XXX
SP00A-XX-XXX
PT00C-XX-XXX
“A” (SR), “E” (SR), “P” (SR),
MS / “F” Strain Relief
PT00A-XX-XXX (SR)
SP00A-XX-XXX (SR)
PT00E-XX-XXX (SR)
SP00E-XX-XXX (SR)
PT00P-XX-XXX (SR)
SP00P-XX-XXX (SR)
MS3110F-XX-XXX
“E” Open Wire Seal
PT00E-XX-XXX
SP00E-XX-XXX
MS3110E-XX-XXX
“P” Potting Boot
PT00P-XX-XXX
SP00P-XX-XXX
MS3110P-XX-XXX
“W” Cable Seal
PT00W-XX-XXX
“J” Cable Seal
PT00J-XX-XXX
MS3110J-XX-XXX
To complete part number see how to order on page 27.
(MMC) located within .0025 of (TP)
All dimensions for reference only.
Shell
Size
Receptacle Front View
Receptacle Side View
Class “A”, “C”
R
(TP)
S
Max.
A
+.001
–.005
K +.020
–.010
L
Max.
M +.010
–.000
Q
Thread
Class 2A
Z
Max.
D
Min.
L
Max.
N
Max.
V
Thread
Class A
PT
SP
PT
SP
PT
SP
PT
SP
PT
SP
6
.469
.641
.688
.953
.348
.493
.524
.906
.431
.462
.3125-32 NEF
.468
.438
.175 1.553
.462
.3750-32 NEF
8
.594
.734
.812 1.047
.473
.493
.524
.906
.431
.462
.4375-28 UNEF
.468
.438
.297 1.553
.590
.5000-28 UNEF
10
.719
.812
.938 1.125
.590
.493
.524
.906
.431
.462
.5625-24 NEF
.468
.438
.421 1.553
.717
.6250-24 NEF
12
.812
.938 1.031 1.250
.750
.493
.524
.906
.431
.462
.6875-24 NEF
.468
.438
.546 1.553
.834
.7500-20 UNEF
14
.906 1.031 1.125 1.344
.875
.493
.524
.906
.431
.462
.8125-20 UNEF
.468
.438
.663 1.553
.970
.8750-20 UNEF
16
.969 1.125 1.219 1.438 1.000
.493
.524
.906
.431
.462
.9375-20 UNEF
.468
.438
.787 1.553 1.088 1.0000-20 UNEF
18
1.062 1.203 1.312 1.516 1.125
.493
.524
.906
.431
.462 1.0625-18 NEF
.531
.438
.879 1.553 1.216 1.1875-18 NEF
20
1.156 1.297 1.438 1.672 1.250
.650
.650 1.125
.556
.556 1.1875-18 NEF
.531
.531 1.014 1.703 1.332 1.1875-18 NEF
22
1.250 1.375 1.562 1.750 1.375
.650
.650 1.125
.556
.556 1.3125-18 NEF
.531
.531 1.134 1.703 1.460 1.4375-18 NEF
24
1.375 1.500 1.688 1.875 1.500
.683
.683 1.188
.589
.589 1.4375-18 NEF
.498
.498 1.259 1.765 1.585 1.4375-18 NEF
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR), MS / “F”
Class “E”, MS / “E”
Class “P”, MS / “P”
Class “W”, “J”
C
Thread
D
Min.
G
Max.
H
Max.
L
Max.
N
Max.
L
Max.
N
Max.
D
Min.
L
Max.
N
Max.
D
L
Max.
N
Max.
XL
Max.
Closed
Free
6
1.266
.440
.192
1.438
.484
8
6-32
.240
.125
.812
1.922
.550
1.266
.560
.317
1.438
.608
.168
.230
1.705
.547
2.271
10
6-32
.302
.188
.875
1.922
.675
1.266
.685
.434
1.438
.734
.205
.312
1.705
.675
2.271
12
6-32
.428
.312
1.000
1.922
.803
1.266
.813
.548
1.438
.858
.338
.442
1.848
.812
2.411
14
6-32
.552
.375
1.125
1.922
.920
1.266
.930
.673
1.438
.984
.416
.539
2.040
.940
2.599
16
6-32
.615
.500
1.188
2.047
1.047
1.266
1.057
.798
1.438
1.110
.550
.616
2.256
1.067
2.943
18
8-32
.740
.625
1.438
2.078
1.165
1.266
1.175
.899
1.438
1.234
.600
.672
2.486
1.194
3.172
20
8-32
.740
.625
1.438
2.344
1.290
1.516
1.301
1.024
1.656
1.360
.635
.747
2.922
1.322
3.610
22
8-32
.928
.750
1.625
2.344
1.418
1.516
1.430
1.149
1.656
1.484
.670
.846
3.086
1.449
3.766
24
8-32
.990
.800
1.719
2.406
1.543
1.578
1.555
1.274
1.717
1.610
.740
.894
3.310
1.576
3.985
PT00 (MS3110)
SP00
wall mounting receptacle
ND
V
L
.375 MIN
G
L
C
N
DH
L
N
N
L
D
S
S
R
(TP)
R
(TP)
PT
.120 ± .005 Dia.
(.147 ± .005 Dia., size 24)
SP
.150 ± .005 Dia.
L
Q
M
A
K
Z
4 Holes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn