Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS3116-J-10-6P Fiches technique(PDF) 73 Page - Amphenol Corporation

No de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3116-J-10-6P Fiches technique(HTML) 73 Page - Amphenol Corporation

Back Button MS3116-J-10-6P Datasheet HTML 69Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 70Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 71Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 72Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 73Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 74Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 75Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 76Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 77Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
71
Coaxial Contacts
for miniature cylindrical connectors
Amphenol® Miniature Connectors can incorporate shielded coax contacts.
The Miniature family is built around MIL-C-26482 specifications, with Mil-
approved and proprietary styles offered. Normal operating voltage for Minia-
ture cylindricals with power only contacts is up to 1,000 VAC (RMS) at sea
level.
Miniature Cylindricals offer these features for contact termination
flexibility:
Several insert arrangements that can incorporate:
• Size 8 & 12 Crimp Coax contacts for Crimp type
• Size 8 & 12 Solder Coax contacts for Solder type
Wide selection of connector shell styles and sizes
Standard power contact options within the various connector styles
include: solder type, crimp front release, crimp rear release
Coax contacts are designed to the same high performance standards as
power contacts. Coax and power contacts may be intermixed with no deg-
radation of connector reliability.
No mis-mating or cross-plugging with insert rotation and keyway
polarization.
GENERAL ORDERING INFORMATION
Amphenol Miniature Cylindricals are normally supplied with a full complement
of power contacts, separately packaged. Coax contacts are ordered by part
number as referenced in the part number charts on the following pages of this
catalog, and are substituted for the power contacts at the time of the cable or
equipment assembly. If the application is for coax only, the connector may be
ordered less contacts and no power contacts will be supplied.
Installation instructions for the coax contacts for Miniature Connectors are
provided in Amphenol documents as follows: L-633 for solder type; L-613 for
SE type; L-660 for CE type.
HOW TO ORDER:
A. Select the coax contacts designed for the cable being used from the appli-
cable charts in this catalog for each Miniature type (solder, SE or CE).
B. Select a connector insert from those shown on pages60-63 which will
accommodate the quantity and size of coaxial contacts needed plus any
power contacts required. Note: Size 8S and 12S contacts are used with
connector inserts through shell size 18 only. For larger connector shell
sizes, use size 8L contacts.
C. Determine the Miniature Cylindrical type, shell style, finish, service class
and insert rotation required for your application.
D. Consult Amphenol, Sidney NY with the pertinent cable, contact, insert
arrangement and connector style choices for complete connector part
number.
Solder Coax Contact
for use in Miniature Solder Type Connectors
Pin Crimp Coax Contact
for use in Miniature Crimp SE Type Connectors
Socket Crimp Coax Contact
for use in Miniature Crimp SE Type Connectors


Numéro de pièce similaire - MS3116-J-10-6P

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
MS3116 GLENAIR-MS3116 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
Amphenol Corporation
MS3116E18-11S AMPHENOL-MS3116E18-11S Datasheet
1Mb / 81P
   Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-8-2S AMPHENOL-MS3116F-8-2S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results

Description similaire - MS3116-J-10-6P

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02H-14-5P AMPHENOL-PT02H-14-5P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-10-6P AMPHENOL-PT02A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-14-12P AMPHENOL-PT02A-14-12P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com