Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MS3116-J-10-6P Datasheet(Fiches technique) 69 Page - Amphenol Corporation

Numéro de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Télécharger  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo 

MS3116-J-10-6P Datasheet(HTML) 69 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
67
PC
accessories – protection caps
How to Order Proprietary Receptacle Caps for PC connectors only:
Wall Receptacle Caps:
10-101950- XX X
Cable Connecting Receptacle Caps:
10-101951- XX X
Jam Nut Receptacle Caps:
10-101956- XX X
Add desired shell size
Add desired finish suffix
“1”
designates bright cadmium with clear chromate (standard for PC)
“3”
designates olive drab cadmium
“5”
designates Alumilite®
Caps for PC connectors are supplied only in proprietary versions with standard
bead chains only (as shown in drawing at left).
RECEPTACLE PROTECTION CAPS – FOR PC
Shell
Size
A Thread
Class 2B
B Dia.
+.010
–.000
C Dia.
+.010
–.000
G
Max.
L
Max.
X
±.250
6
.3750 DS
.328
.454
.520
.448
3.000
8
.5000 DS
.454
.578
.648
.448
3.000
10
.6250 DS
.578
.703
.776
.448
3.000
12
.7500 DS
.703
.891
.902
.448
3.500
14
.8750 DS
.844
1.016
1.030
.448
3.500
16
1.0000 DS
.969
1.141
1.157
.448
3.500
18
1.1250 DS
1.094
1.266
1.284
.448
3.500
20
1.2500 DS
1.219
1.391
1.412
.448
4.000
22
1.3750 DS
1.343
1.516
1.507
.448
4.000
How to Order Proprietary Plug Caps for PC only: 10-101955-XX X
Add desired shell size
Add desired finish suffix
“1”
designates bright cadmium with clear chromate (standard for (PC)
“3”
designates olive drab cadmium
“5”
designates Alumilite®
Caps for PC connectors are supplied only in proprietary versions with standard
bead chains only (as shown in drawing at left).
† Standard accessory finishes are “1” bright cadmium with clear chromate for PC
types, “3” olive drab cadmium for PT and MS/PT types, “5” Alumilite® for SP
types. Electroless nickel plating is also available on some items; consult Amphe-
nol, Sidney, NY
All dimensions for reference only.
PLUG PROTECTION CAPS – FOR PC
Shell
Size
A Thread
Class 2A
B
+.010
–.000
G
Max.
L
Max.
X
±.250
6
.3750 DS
.328
.399
.557
3.000
8
.5000 DS
.454
.526
.557
3.000
10
.6250 DS
.578
.643
.557
3.000
12
.7500 DS
.703
.770
.557
3.500
14
.8750 DS
.844
.897
.557
3.500
16
1.0000 DS
.969
1.025
.557
3.500
18
1.250 DS
1.094
1.152
.557
3.500
20
1.2500 DS
1.219
1.279
.557
4.000
22
1.3750 DS
1.343
1.416
.557
4.000
RECEPTACLE PROTECTION CAP
FOR PC CONNECTORS
10-101950-XXX
10-101951-XXX
10-101956-XXX
(Wall Receptacle)
(Cable Connecting
(Jam Nut Receptacle)
Receptacle)
PLUG PROTECTION CAP
FOR PC CONNECTORS
10-101955-XXX
G
A
L
X
.125
DIA
+.010
–.005
B
X
X
C
B
G
A
L
X


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn