Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MS3116-J-10-6P Datasheet(Fiches technique) 56 Page - Amphenol Corporation

Numéro de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Télécharger  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo 

MS3116-J-10-6P Datasheet(HTML) 56 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
54
PC02
box mounting receptacle
PC02A-XX-XXX
* PC02C-XX-XXX
* PC02E-XX-XXX
* PC02P-XX-XXX
All dimensions for reference only.
Shell
Size
Receptacle
Front View
Receptacle
Side View
R
±.005
S
±.010
A
Thread
Class 2A
K
+.020
–.010
L
Max.
M
+.010
–.000
N
Max.
Z
Max.
6
.469
.688
.3750 DS
.469
.801
.406
.323
.466
8
.594
.812
.5000 DS
.469
.801
.406
.449
.466
10
.719
.938
.6250 DS
.469
.801
.406
.573
.466
12
.812
1.031
.7500 DS
.469
.801
.406
.699
.466
14
.906
1.125
.8750 DS
.469
.801
.406
.823
.466
16
.969
1.219
1.0000 DS
.469
.801
.406
.949
.466
18
1.062
1.312
1.1250 DS
.469
.801
.406
1.073
.466
20
1.156
1.438
1.2500 DS
.562
.988
.469
1.199
.527
22
1.250
1.562
1.3750 DS
.562
.988
.469
1.323
.527
To complete part number see how to order on page 61.
* The PC02 Box Mounting Receptacle is made only to complete a series and no provision
is made for accessories or potting on the rear skirt.
S
RS
R
.120 ± .005 Dia.
4 Holes
A
M
L
Z
N
K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn