Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MS3116-J-10-6P Datasheet(Fiches technique) 50 Page - Amphenol Corporation

Numéro de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Télécharger  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo 

MS3116-J-10-6P Datasheet(HTML) 50 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
48
Breakaway PT-CE with Crimp Contacts,
Potted Termination
71-2512XX-(
)
72-2512XX-(
)
PT-CE Breakaway
twist pull plug
All dimensions for reference only.
* See Finish information below to determine prefix 71 or 72 in part number.
Drawing above shows standard lanyard length.
Part
Number*
Part
Number*
Shell
Size
A
Dia.
Max.
B
Max.
F
Dia.
±.016
H
Dia.
±.016
J
±.010
L
Max.
L1
Max.
71-251209
71-339508
8
.875
.984
.125
.327
.353
1.937
2.937
71-251210
71-339510
10
1.125
1.125
.188
.444
.353
1.890
2.937
71-251211
71-339512
12
1.281
1.406
.312
.558
.353
1.906
3.000
71-251212
71-339514
14
1.438
1.562
.375
.683
.353
1.953
3.000
71-251213
71-339516
16
1.562
1.688
.500
.808
.353
2.000
3.187
71-251214
71-339518
18
1.718
1.844
.625
.909
.353
2.031
3.375
71-251215
71-339520
20
1.875
2.000
.625
1.034
.415
2.234
3.375
71-251216
71-339522
22
2.031
2.188
.750
1.159
.415
2.328
3.375
71-251217
71-339524
24
2.156
2.312
.800
1.284
.415
2.359
3.625
The PT-CE miniature breakaway connector has the
following design features:
• crimp front release, front removable contacts in
“CE” nylon wafer retention system
• 2 styles available: potted termination and environ-
ment style with a strain relief
• instant decoupling of plug and receptacle with an
axial pull on the lanyard when they are fully
mated
• intermateable with standard receptacles
• operating voltage to 900 VAC (RMS) at sea level
• quick positive bayonet coupling and 5 key/key-
way polarization
Order by Amphenol Propriety number as follows (example part number shown):
71 -
2512
50
-
32
P
12
34
5
1. Finish
“71” designates corrosion resistant olive drab cadmium plate
“72” designates anodic coated (electrically nonconductive-anodic) finish providing extreme wear and corrosion resistance, 500 hr.
extended salt spray.
2. Connector Type Identification
2512XX designates PT-CE plug, crimp, potted termination style
3395XX designates PT-CE plug, crimp, environmental with strain relief style
3. Shell Size
See part number columns in chart above for 2 digit number at end that correlates to the shell size. Example: ‘50’ correlates to shell size 18.
Pin Contacts
Socket Contacts
Amphenol
Letter
Equates to
MS letter
Amphenol
Letter
Equates to
MS letter
GPW
H
SW
IPX
J
SX
KPY
L
SY
MPZ
N
SZ
4. Insert Arrangement Number
See insert availability for Miniature Breakaway connectors on page 6. The number
following the hyphen is the insert arrangement number.
5. Contact Type/Alternate Insert Rotation
P designates pin, S designates socket for normal positioning of inserts. When an
alternate position of the insert is required to prevent cross-mating a different letter
(other than P or S) is used. See page 7 for description of alternate positions; then
convert to Amphenol proprietary coding by the chart at right to complete the part
number.
Breakaway PT-CE with Crimp Contacts,
Environmental with Strain Relief
71-3395XX-(
)
72-3395XX-(
)
.328
PIN
INSERT
± .250
+.010
–.025
.016
6.000
J
SOCKET INSERT
+.010
–.025
L 1
F
.328
PIN INSERT
LANYARD PULLED TAUT
AGAINST A .200 ± .031 DIA. MANDREL
± .250
+.010
–.025
.016
6.000
J
H
SOCKET INSERT
+.010
–.025
L
B
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn