Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS3116-J-10-6P Fiches technique(PDF) 49 Page - Amphenol Corporation

No de pièce MS3116-J-10-6P
Description  Amphenol Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3116-J-10-6P Fiches technique(HTML) 49 Page - Amphenol Corporation

Back Button MS3116-J-10-6P Datasheet HTML 45Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 46Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 47Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 48Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 49Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 50Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 51Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 52Page - Amphenol Corporation MS3116-J-10-6P Datasheet HTML 53Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
47
D
C
B
E
L
A
H
K
L
PT08 CE
SP08 CE
90 degree plug
TERMINATION ASSEMBLIES
“CE” Open Wire Seal, “CE” (SR) Strain Relief
PT08CE-XX-XXX
SP08CE-XX-XXX
PT08CE-XX-XXX (SR)
SP08CE-XX-XXX (SR)
“CP” Potting Boot 75 °
PT08CP-XX-XXX
SP08CP-XX-XXX
All dimensions for reference only.
Shell
Size
Plug
Front View
Plug
Side View
G
Dia.
Max.
Class “CE”, “CE” (SR)
Class “CP”
B
±.031
C
+.010
–.025
D
±.062
E
+.047
–.025
L
±.057
A
±.025
H
±.015
K
±.015
L
Max.
8
.796
.655
.169
.941
.339
1.986
.469
.312
.438
1.906
10
.921
.749
.170
1.191
.393
2.080
.547
.438
.562
2.031
12
1.046
.812
.264
1.191
.450
2.165
.625
.516
.688
2.093
14
1.171
.905
.310
1.254
.519
2.313
.734
.625
.781
2.203
16
1.297
1.030
.330
1.316
.583
2.515
.750
.656
.890
2.250
18
1.422
1.015
.444
1.562
.621
2.623
.781
.703
1.000
2.296
20
1.562
1.077
.510
1.625
.683
2.739
.859
.766
1.125
2.343
22
1.672
1.139
.515
1.719
.739
2.785
.906
.812
1.234
2.390
24
1.797
1.265
.656
1.751
.797
3.024
1.169
.918
1.374
2.624
To complete part number see how to order on page 49.
All lockwire holes are .044 Dia. Min.
G


Numéro de pièce similaire - MS3116-J-10-6P

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
MS3116 GLENAIR-MS3116 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
Amphenol Corporation
MS3116E18-11S AMPHENOL-MS3116E18-11S Datasheet
1Mb / 81P
   Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-8-2S AMPHENOL-MS3116F-8-2S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results

Description similaire - MS3116-J-10-6P

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02H-14-5P AMPHENOL-PT02H-14-5P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-10-6P AMPHENOL-PT02A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-14-12P AMPHENOL-PT02A-14-12P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com