Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBK321611T-601Y-N Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce GBK321611T-601Y-N
Description  SMD Chip Beads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GBK321611T-601Y-N Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GBK321611T-601Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers GBK321611T-601Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers GBK321611T-601Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers GBK321611T-601Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers GBK321611T-601Y-N Datasheet HTML 10Page - List of Unclassifed Manufacturers GBK321611T-601Y-N Datasheet HTML 11Page - List of Unclassifed Manufacturers GBK321611T-601Y-N Datasheet HTML 12Page - List of Unclassifed Manufacturers GBK321611T-601Y-N Datasheet HTML 13Page - List of Unclassifed Manufacturers GBK321611T-601Y-N Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
15
ELECTRICAL CHARACTERISTICS PB Series
PART NO.
IMPEDANCE
TEST FREQUENCY
DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(mA) Max.
PBY321611T-190Y-N
19
100
0.015
6,000
PBY321611T-320Y-N
32
100
0.015
4,000
PBY321611T-500Y-N
50
100
0.020
4,000
PBY321611T-800Y-N
80
100
0.025
3,000
PBY321611T-101Y-N
100
100
0.030
3,000
PBY321611T-121Y-N
120
100
0.030
3,000
PBY321611T-221Y-N
220
100
0.050
2,000
PBY321611T-301Y-N
300
100
0.060
2,000
PBY321611T-601Y-N
600
100
0.100
2,000
PBY321611T-102Y-N
1,000
50
0.150
1,200
PBY321611T-122Y-N
1,200
50
0.180
1,000
PBY321611T-152Y-N
1,500
50
0.200
800
PBY322513T-600Y-N
60
100
0.025
4,000
PBY322513T-900Y-N
90
100
0.025
3,000
PBY451616T-500Y-N
50
100
0.020
6,000
PBY451616T-600Y-N
60
100
0.020
5,000
PBY451616T-800Y-N
80
100
0.025
4,000
PBY451616T-900Y-N
90
100
0.040
4,000
PBY451616T-151Y-N
150
100
0.100
2,000
PBY451616T-471Y-N
470
100
0.100
2,000
PBY451616T-102Y-N
1,000
100
0.100
2,000
PBY453215T-700Y-N
70
100
0.030
6,000
PBY453215T-121Y-N
120
100
0.030
4,000
PBY453215T-151Y-N
150
100
0.028
4,000
PBY453215T-601Y-N
600
100
0.028
4,000
PBY453215T-132Y-N
1,300
100
0.150
1,500


Numéro de pièce similaire - GBK321611T-601Y-N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GBK10 ETC2-GBK10 Datasheet
53Kb / 1P
   Loadcenters Circuit BreakersType BR Loadcenters Circuit Breakers
logo
Dc Components
GBK25A DCCOM-GBK25A Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBK25B DCCOM-GBK25B Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBK25D DCCOM-GBK25D Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBK25G DCCOM-GBK25G Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Description similaire - GBK321611T-601Y-N

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com