Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7730BRUZ-REEL Fiches technique(PDF) 28 Page - Analog Devices

No de pièce AD7730BRUZ-REEL
Description  Bridge Transducer ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7730BRUZ-REEL Fiches technique(HTML) 28 Page - Analog Devices

Back Button AD7730BRUZ-REEL Datasheet HTML 24Page - Analog Devices AD7730BRUZ-REEL Datasheet HTML 25Page - Analog Devices AD7730BRUZ-REEL Datasheet HTML 26Page - Analog Devices AD7730BRUZ-REEL Datasheet HTML 27Page - Analog Devices AD7730BRUZ-REEL Datasheet HTML 28Page - Analog Devices AD7730BRUZ-REEL Datasheet HTML 29Page - Analog Devices AD7730BRUZ-REEL Datasheet HTML 30Page - Analog Devices AD7730BRUZ-REEL Datasheet HTML 31Page - Analog Devices AD7730BRUZ-REEL Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
AD7730/AD7730L
–28–
Because of this effect, care should be taken in choosing an out-
put rate that is close to the line frequency in the application. If
the line frequency is 50 Hz, an output update rate of 50 Hz
should not be chosen as it will significantly reduce the AD7730’s
line frequency rejection (the 50 Hz will appear as a dc effect
with only 6 dB attenuation). Choosing an output rate of 55 Hz
will result in a 6 dB—attenuated aliased frequency of 5 Hz with
only a further 25 dB attenuation based on the filter profile. This
number is based on the filter roll-off and Figure 11 can be used
as a reference by dividing the frequency scale by a factor of 4.
Choosing 57 Hz as the output rate will give better than 90 dB
attenuation of the aliased line frequency which appears as a
7 Hz signal. Similarly, multiples of the line frequency should be
avoided as the output rate because harmonics of the line fre-
quency will not be fully attenuated. The programmability of the
AD7730’s output rate should allow the user to readily choose an
output rate that overcomes this issue. An alternative is to use
the part in nonchop mode.
Figure 13 shows the frequency response for the AD7730 with
the second stage filter set for normal FIR operation, chop mode
disabled, the decimal equivalent of the word in the SF bits set to
1536 and a master clock frequency of 4.9152 MHz. The response
is analogous to that of Figure 11, with the three-times-larger SF
word producing the same 200 Hz output rate. Once again, the
response will scale proportionally with master clock frequency.
The response is shown from dc to 100 Hz. The rejection at
50 Hz
± 1 Hz, and 60 Hz ± 1 Hz is better than 88 dB.
FREQUENCY – Hz
0
–60
–100
090
10
20
30
40
50
60
70
80
–10
–50
–70
–90
–30
–40
–80
–20
–120
–110
100
Figure 13. Detailed Full Frequency Response of AD7730
(Second Stage Filter as Normal FIR, Chop Disabled)
The –3 dB frequency for the frequency response of the AD7730
with the second stage filter set for normal FIR operation and
chop mode enabled, is determined by the following relationship:
f 3dB = 0.039 ×
f CLK IN
16
×
1
SF
In this case, f3 dB = 7.8 Hz and the stop band, where the attentua-
tion is greater than 64.5 dB, is determined by:
f STOP = 0.14 ×
f CLK IN
16
×
1
SF
In this case, f3 dB = 28 Hz.
Figure 14 shows the frequency response for the same set of
conditions as for Figure 13, but in this case the response is
shown out to 600 Hz. This plot is comparable to that of Figure
12. The most notable difference is the absence of the peaks in
the response at 200 Hz and 400 Hz. As a result, interference at
these frequencies will be effectively eliminated before being
aliased back to dc.
FREQUENCY – Hz
0
–60
–100
0450
50
100 150 200 250 300 350 400
–10
–50
–70
–90
–30
–40
–80
–20
–120
–110
500 550
600
Figure 14. Expanded Full Frequency Response of AD7730
(Second Stage Filter as Normal FIR, Chop Disabled)
REV. B


Numéro de pièce similaire - AD7730BRUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7730BRU AD-AD7730BRU Datasheet
497Kb / 52P
   Bridge Transducer ADC
REV. A
More results

Description similaire - AD7730BRUZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7730 AD-AD7730 Datasheet
497Kb / 52P
   Bridge Transducer ADC
REV. A
AD7730L AD-AD7730L_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7730 AD-AD7730_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
logo
Texas Instruments
UC3704 TI1-UC3704 Datasheet
283Kb / 6P
[Old version datasheet]   Bridge Transducer Switch
logo
Analog Devices
1B32 AD-1B32_15 Datasheet
548Kb / 8P
   BRIDGE TRANSDUCER SIGNAL CONDITIONER
1B32 AD-1B32 Datasheet
544Kb / 8P
   Bridge Transducer Signal Conditioner
AD22055 AD-AD22055 Datasheet
214Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD22055 AD-AD22055_15 Datasheet
218Kb / 4P
   Single Supply Bridge Transducer Amplifier
REV. 0
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
   Sigma-Delta ADC for Bridge Sensors
logo
Cirrus Logic
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
   16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com