Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7715ACHIPS-5 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7715ACHIPS-5
Description  3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7715ACHIPS-5 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7715ACHIPS-5 Datasheet HTML 2Page - Analog Devices AD7715ACHIPS-5 Datasheet HTML 3Page - Analog Devices AD7715ACHIPS-5 Datasheet HTML 4Page - Analog Devices AD7715ACHIPS-5 Datasheet HTML 5Page - Analog Devices AD7715ACHIPS-5 Datasheet HTML 6Page - Analog Devices AD7715ACHIPS-5 Datasheet HTML 7Page - Analog Devices AD7715ACHIPS-5 Datasheet HTML 8Page - Analog Devices AD7715ACHIPS-5 Datasheet HTML 9Page - Analog Devices AD7715ACHIPS-5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD7715
Rev. D | Page 6 of 40
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
LOGIC OUTPUTS (Including MCLK OUT)
VOL, Output Low Voltage
0.4
V
ISINK = 100 μA except for MCLK OUT12
VOH, Output High Voltage
DVDD − 0.6
V
ISOURCE = 100 μA except for MCLK OUT12
Floating State Leakage Current
±10
μA
Floating State Output Capacitance13
9
pF
Data Output Coding
Binary
Unipolar mode
Offset binary
Bipolar mode
1 Temperature range as follows: A version, −40°C to +85°C.
2 A calibration is effectively a conversion, so these errors are of the order of the conversion noise shown in Table 15 to Table 22. This applies after calibration at the
temperature of interest.
3 Recalibration at any temperature removes these drift errors.
4 Positive full-scale error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar and bipolar input ranges.
5 Full-scale drift includes zero-scale drift (unipolar offset drift or bipolar zero drift) and applies to both unipolar and bipolar input ranges.
6 Gain error does not include zero-scale errors. It is calculated as full-scale error–unipolar offset error for unipolar ranges and Full-Scale Error–Bipolar Zero Error for
bipolar ranges.
7 Gain error drift does not include unipolar offset drift/bipolar zero drift. It is effectively the drift of the part if zero scale calibrations only were performed.
8 These numbers are guaranteed by design and/or characterization.
9 This common-mode voltage range is allowed provided that the input voltage on AIN(+) or AIN(−) does not go more positive than AVDD + 30 mV or go more negative
than AGND − 30 mV.
10 The analog input voltage range on AIN(+) is given here with respect to the voltage on AIN(−). The absolute voltage on the analog inputs should not go more positive
than AVDD + 30 mV or go more negative than AGND − 30 mV.
11 VREF = REF IN(+) − REF IN(−).
12 These logic output levels apply to the MCLK OUT only when it is loaded with one CMOS load.
13 Sample tested at 25°C to ensure compliance.


Numéro de pièce similaire - AD7715ACHIPS-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7715ACHIPS-5 AD-AD7715ACHIPS-5 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715ACHIPS-5 AD-AD7715ACHIPS-5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715ACHIPS-5 AD-AD7715ACHIPS-5 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
More results

Description similaire - AD7715ACHIPS-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com