Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD7705BR-REEL7 Datasheet(Fiches technique) 27 Page - Analog Devices

Numéro de pièce AD7705BR-REEL7
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD7705BR-REEL7 Datasheet(HTML) 27 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD7705/AD7706
Rev. C | Page 27 of 44
AD7705/AD7706
INPUT RANGE
(0.8
× V
REF/GAIN TO
2.1
× V
REF/GAIN)
UPPER LIMIT ON
AD7705 INPUT VOLTAGE
NOMINAL ZERO
SCALE POINT
OFFSET CALIBRATIONS MOVE
INPUT RANGE UP OR DOWN
LOWER LIMIT ON
AD7705/AD7706 INPUT VOLTAGE
–1.05
× V
REF/GAIN
–0V DIFFERENTIAL
GAIN CALIBRATIONS EXPAND
OR CONTRACT THE
AD7705/AD7706 INPUT RANGE
1.05
× V
REF/GAIN
Figure 16. Span and Offset Limits
If the part is used in bipolar mode with a required span of
±0.4 × VREF/gain, the offset range that the system calibration can
handle is –0.65 × VREF/gain to +0.65 × VREF/gain. If
the part is used in bipolar mode with a required span of
±VREF/gain, the offset range that the system calibration can
handle is –0.05 × VREF/gain to +0.05 × VREF/gain. Similarly, if the
part is used in bipolar mode and required to remove an offset of
±0.2 × VREF/gain, the maximum span range that the system
calibration can handle is ±0.85 × VREF/gain.
Power-Up and Calibration
Upon power-up, the AD7705/AD7706 internally reset, setting
the contents of the internal registers to a known state. Default
values are loaded to all registers after a power-on or reset. The
default values contain nominal calibration coefficients for the
calibration registers. However, to ensure correct calibration for the
devices, a calibration routine should be performed after power-up.
The power dissipation and temperature drift of the AD7705/
AD7706 are low, and no warm-up time is required before the
initial calibration is performed. However, if an external reference
is used, it must be stabilized before calibration is initiated.
Similarly, if the clock source for the part is generated from a
crystal or resonator across the MCLK pins, the start-up time
for the oscillator circuit should elapse before a calibration is
initiated on the parts (see Figure 11).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn