Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5311BRT-REEL Fiches technique(PDF) 21 Page - Analog Devices

No de pièce AD5311BRT-REEL
Description  2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5311BRT-REEL Fiches technique(HTML) 21 Page - Analog Devices

Back Button AD5311BRT-REEL Datasheet HTML 16Page - Analog Devices AD5311BRT-REEL Datasheet HTML 17Page - Analog Devices AD5311BRT-REEL Datasheet HTML 18Page - Analog Devices AD5311BRT-REEL Datasheet HTML 19Page - Analog Devices AD5311BRT-REEL Datasheet HTML 20Page - Analog Devices AD5311BRT-REEL Datasheet HTML 21Page - Analog Devices AD5311BRT-REEL Datasheet HTML 22Page - Analog Devices AD5311BRT-REEL Datasheet HTML 23Page - Analog Devices AD5311BRT-REEL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 21 of 24
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD5301BRM
–40°C to +105°C
8-Lead MSOP
RM-8
D8B
AD5301BRM-REEL
–40°C to +105°C
8-Lead MSOP
RM-8
D8B
AD5301BRM-REEL7
–40°C to +105°C
8-Lead MSOP
RM-8
D8B
AD5301BRMZ1
–40°C to +105°C
8-Lead MSOP
RM-8
D8B#
AD5301BRMZ-REEL1
–40°C to +105°C
8-Lead MSOP
RM-8
D8B#
AD5301BRMZ-REEL71
–40°C to +105°C
8-Lead MSOP
RM-8
D8B#
AD5301BRT-500RL7
–40°C to +105°C
6-Lead SOT-23
RJ-6
D8B
AD5301BRT-REEL
–40°C to +105°C
6-Lead SOT-23
RJ-6
D8B
AD5301BRT-REEL7
–40°C to +105°C
6-Lead SOT-23
RJ-6
D8B
AD5301BRTZ-500RL71
–40°C to +105°C
6-Lead SOT-23
RJ-6
D8B#
AD5301BRTZ-REEL1
–40°C to +105°C
6-Lead SOT-23
RJ-6
D8B#
AD5301BRTZ-REEL71
–40°C to +105°C
6-Lead SOT-23
RJ-6
D8B#
AD5311BRM
–40°C to +105°C
8-Lead MSOP
RM-8
D9B
AD5311BRM-REEL
–40°C to +105°C
8-Lead MSOP
RM-8
D9B
AD5311BRM-REEL7
–40°C to +105°C
8-Lead MSOP
RM-8
D9B
AD5311BRMZ1
–40°C to +105°C
8-Lead MSOP
RM-8
D9B#
AD5311BRMZ-REEL1
–40°C to +105°C
8-Lead MSOP
RM-8
D9B#
AD5311BRMZ-REEL71
–40°C to +105°C
8-Lead MSOP
RM-8
D9B#
AD5311BRT-500RL7
–40°C to +105°C
6-Lead SOT-23
RJ-6
D9B
AD5311BRT-REEL
–40°C to +105°C
6-Lead SOT-23
RJ-6
D9B
AD5311BRT-REEL7
–40°C to +105°C
6-Lead SOT-23
RJ-6
D9B
AD5311BRTZ-500RL71
–40°C to +105°C
6-Lead SOT-23
RJ-6
D9B#
AD5311BRTZ-REEL1
–40°C to +105°C
6-Lead SOT-23
RJ-6
D9B#
AD5311BRTZ-REEL71
–40°C to +105°C
6-Lead SOT-23
RJ-6
D9B#
AD5321BRM
–40°C to +105°C
8-Lead MSOP
RM-8
DAB
AD5321BRM-REEL
–40°C to +105°C
8-Lead MSOP
RM-8
DAB
AD5321BRM-REEL7
–40°C to +105°C
8-Lead MSOP
RM-8
DAB
AD5321BRMZ1
–40°C to +105°C
8-Lead MSOP
RM-8
DAB#
AD5321BRMZ-REEL1
–40°C to +105°C
8-Lead MSOP
RM-8
DAB#
AD5321BRMZ-REEL71
–40°C to +105°C
8-Lead MSOP
RM-8
DAB#
AD5321BRT-500RL7
–40°C to +105°C
6-Lead SOT-23
RJ-6
DAB
AD5321BRT-REEL
–40°C to +105°C
6-Lead SOT-23
RJ-6
DAB
AD5321BRT-REEL7
–40°C to +105°C
6-Lead SOT-23
RJ-6
DAB
AD5321BRTZ-500RL71
–40°C to +105°C
6-Lead SOT-23
RJ-6
DAB#
AD5321BRTZ-REEL1
–40°C to +105°C
6-Lead SOT-23
RJ-6
DAB#
AD5321BRTZ-REEL71
–40°C to +105°C
6-Lead SOT-23
RJ-6
DAB#
1 Z = RoHS Compliant Part; # denotes RoHS Compliant product, may be top or bottom marked.


Numéro de pièce similaire - AD5311BRT-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5311BRT AD-AD5311BRT Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5311BRTZ-500RL7 AD-AD5311BRTZ-500RL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
AD5311BRTZ-REEL7 AD-AD5311BRTZ-REEL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Description similaire - AD5311BRT-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com