Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5421BREZ-REEL Fiches technique(PDF) 34 Page - Analog Devices

No de pièce AD5421BREZ-REEL
Description  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5421BREZ-REEL Fiches technique(HTML) 34 Page - Analog Devices

Back Button AD5421BREZ-REEL Datasheet HTML 28Page - Analog Devices AD5421BREZ-REEL Datasheet HTML 29Page - Analog Devices AD5421BREZ-REEL Datasheet HTML 30Page - Analog Devices AD5421BREZ-REEL Datasheet HTML 31Page - Analog Devices AD5421BREZ-REEL Datasheet HTML 32Page - Analog Devices AD5421BREZ-REEL Datasheet HTML 33Page - Analog Devices AD5421BREZ-REEL Datasheet HTML 34Page - Analog Devices AD5421BREZ-REEL Datasheet HTML 35Page - Analog Devices AD5421BREZ-REEL Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD5421
Data Sheet
Rev. F | Page 34 of 36
To determine the absolute worst-case overall error, the reference
and RSET errors can be directly summed with the specified AD5421
maximum error. For example, when using an external reference
and external RSET resistor, the maximum AD5421 error is 0.048%
of full-scale range. Assuming that the absolute errors for the
voltage reference and RSET resistor are, respectively, 0.04% and
0.05% with temperature coefficients of 3 ppm/°C and 2 ppm/°C,
respectively, the overall worst-case error is as follows:
Worst-Case Error =
AD5421 Error + VREF Absolute Error + VREF TC +
RSET Absolute Error + RSET TC
Worst-Case Error =
0.048% + 0.04% + [(3/106) × 100 × 145]% +
0.05% + [(2/106) × 100 × 145]% = 0.21% FSR
This is the absolute worst-case value when the AD5421 operates
over the temperature range of −40°C to +105°C. An error of this
value is very unlikely to occur because the temperature coeffi-
cients of the individual components do not exhibit the same
drift polarity, and, therefore, an element of cancelation occurs.
For this reason, the TC values should be added in a root of
squares fashion.
A further improvement can be gained by performing a two-point
calibration at zero scale and full scale, thus reducing the absolute
errors of the voltage reference and RSET resistor to a combined
error of 1 LSB or 0.0015% FSR. After performing this calibration,
the total maximum error becomes
Total Error =
FSR
%
102
.
0
%)
029
.
0
(
%)
0435
.
0
(
%
0015
.
0
%
048
.
0
2
2
=
+
+
+
To reduce this error value further, a voltage reference and RSET
resistor with lower TC specifications must be chosen.
THERMAL AND SUPPLY CONSIDERATIONS
The AD5421 is designed to operate at a maximum junction temp-
erature of 125°C. To ensure reliable and specified operation over
the lifetime of the product, it is important that the device not be
operated under conditions that cause the junction temperature
to exceed this value.
Excessive junction temperature can occur if the AD5421
experiences elevated voltages across its terminals while
regulating the loop current at a high value. The resulting
junction temperature depends on the ambient temperature.
Table 24 provides the bounds of operation at maximum ambient
temperature and maximum supply voltage. This information is
displayed graphically in Figure 51 and Figure 52. These figures
assume that the exposed paddle is connected to a copper plane
of approximately 6 cm2.
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
TSSOP
LFCSP
Figure 51. Maximum Power Dissipation vs. Ambient Temperature
60
50
40
30
20
10
0
40
50
60
70
80
90
100
AMBIENT TEMPERATURE (°C)
LFCSP
TSSOP
Figure 52. Maximum Supply Voltage vs. Ambient Temperature
Table 24. Thermal and Supply Considerations (External MOSFET Not Connected)
Parameter
Description
32-Lead LFCSP
28-Lead TSSOP
Maximum
Power
Dissipation
Maximum permitted power
dissipation when operating at an
ambient temperature of 105°C
mW
500
40
105
125
=
=
JA
A
MAX
J
T
T
θ
mW
625
32
105
125
=
=
JA
A
J MAX
θ
T
T
Maximum
Ambient
Temperature
Maximum permitted ambient
temperature when operating from a
supply of 52 V while regulating a loop
current of 22.8 mA
=
×
JA
D
MAX
J
P
T
θ
(
)
(
)
C
77
40
0228
.
0
52
125
°
=
×
×
C
87
)
32
)
0228
.
0
52
((
125
)
(
°
=
×
×
=
×
JA
D
MAX
J
P
T
θ
Maximum
Supply
Voltage
Maximum permitted supply voltage
when operating at an ambient
temperature of 105°C while regulating
a loop current of 22.8 mA
V
21
40
0228
.
0
105
125
=
×
=
×
JA
LOOP
A
MAX
J
I
T
T
θ
V
27
32
0228
.
0
105
125
=
×
=
×
JA
LOOP
A
MAX
J
I
T
T
θ


Numéro de pièce similaire - AD5421BREZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5421BREZ AD-AD5421BREZ Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
More results

Description similaire - AD5421BREZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com