Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5421BREZ-REEL Datasheet(Fiches technique) 33 Page - Analog Devices

Numéro de pièce AD5421BREZ-REEL
Description  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Télécharger  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD5421BREZ-REEL Datasheet(HTML) 33 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
AD5421
Rev. F | Page 33 of 36
ADC 0
PRESSURE
SENSOR
SIMULATION
TEMPERATURE
SENSOR
PT100
3.3V
ADC 1
ADC
DAC
ADuCM360
SRAM
FLASH
CLOCK
RESET
WATCHDOG
T1: CD
T2: RTS
T3: COM
T4: TEST
SPI
AD5700
AD5421
VCC
HART_OUT
REF
ADC_IP
3.3V
3.3V
VDD
CIN
C_HART
C_SLEW
HART
INPUT
FILTER
COM
V-REGULATOR
TEMPERATURE
SENSOR
COM
REGIN
VLOOP
LOOP–
TEST CONNECTOR
+
50Ω
HART MODEM
MICRO-
CONTROLLER
WATCHDOG
TIMER
LEXC
DGND
AGND
Figure 50. Block Diagram—Analog Devices HART-Enabled Smart Transmitter Reference Demo Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn