Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5421BREZ-REEL Datasheet(Fiches technique) 32 Page - Analog Devices

Numéro de pièce AD5421BREZ-REEL
Description  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Télécharger  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD5421BREZ-REEL Datasheet(HTML) 32 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD5421
Data Sheet
Rev. F | Page 32 of 36
APPLICATIONS INFORMATION
Figure 49 shows a typical connection diagram for the AD5421
configured in a HART capable smart transmitter. Such a HART
enabled smart transmitter was developed by Analog Devices as
a reference demo circuit. This circuit, whose block diagram is
shown in Figure 50, was verified and registered as an approved
HART solution by the HART Communication Foundation.
To reduce power dissipation on the chip, a depletion mode
MOSFET (T1), such as a DN2540 or BSP129, can be connected
between the loop voltage and the AD5421, as shown in Figure 49.
If a low loop voltage is used, T1 does not need to be inserted,
and the loop voltage can connect directly to REGIN (see Figure 42).
In Figure 49, all interface signal lines are connected to the micro-
controller. To reduce the number of interface signal lines, the
LDAC signal can be connected to COM, and the SDO and FAULT
lines can be left unconnected. However, this configuration disables
the use of the fault alert features.
Under normal operating conditions, the voltage between COM
and LOOP− does not exceed 1.5 V, and the voltage at LOOP− is
negative with respect to COM. If it is possible that the voltage at
LOOP− may be forced positive with respect to COM, or if the
voltage difference between LOOP− and COM may be forced in
excess of 5 V, a 4.7 V low leakage Zener diode should be placed
between COM and the LOOP− pin, as shown in Figure 49, to
protect the AD5421 from potential damage.
DETERMINING THE EXPECTED TOTAL ERROR
The AD5421 can be set up in a number of different configu-
rations, each of which achieves different levels of accuracy, as
described in Table 1 and Table 2. With the internal voltage
reference and internal RSET enabled, a maximum total error
of 0.157% of full-scale range can be expected for the C grade
device over the temperature range of −40°C to +105°C.
Other configurations specify an external voltage reference, an
external RSET resistor, or both an external voltage reference and
external RSET resistor. In these configurations, the specifications
assume that the external voltage reference and external RSET
resistor are ideal. Therefore, the errors associated with these
components must be added to the data sheet specifications to
determine the overall performance. The performance depends
on the specifications of these components.
HART_OUT
ADC_IP
REF
AD5700/AD5700-1
47nF
168nF
300pF
VCC
RL
200kΩ
LOOP–
REXT1
REXT2
DRIVE
COM
REFOUT1 REFIN
REGIN
IODVDD DVDD REGOUT
VLOOP
AD5421
19MΩ
1MΩ
VLOOP
ADuCM360
SYNC
SCLK
SDIN
SDO
RINT/REXT
ALARM_CURRENT_DIRECTION
RANGE1
RANGE0
FAULT
LDAC
COM
TXD
RXD
RTS
CD
R1
R1
470Ω
1.2MΩ
150kΩ
1.2MΩ
150pF
OPTIONAL
RESISTOR
T1
OPTIONAL
MOSFET
DN2540
BSP129
0.1µF
SETS REGULATOR
VOLTAGE
CIN
10µF
0.1µF
1µF
0.1µF
VZ = 4.7V
4.7µF
REFOUT2
OPTIONAL
EMC FILTER
1µF
DGND
AGND
Figure 49. AD5421 Application Diagram for HART Capable Smart Transmitter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn