Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4405 Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce TC4405
Description  1.5A Dual Open-Drain MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4405 Fiches technique(HTML) 4 Page - Microchip Technology

  TC4405 Datasheet HTML 1Page - Microchip Technology TC4405 Datasheet HTML 2Page - Microchip Technology TC4405 Datasheet HTML 3Page - Microchip Technology TC4405 Datasheet HTML 4Page - Microchip Technology TC4405 Datasheet HTML 5Page - Microchip Technology TC4405 Datasheet HTML 6Page - Microchip Technology TC4405 Datasheet HTML 7Page - Microchip Technology TC4405 Datasheet HTML 8Page - Microchip Technology TC4405 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC4404/TC4405
DS21418D-page 4
 2002-2012 Microchip Technology Inc.
TC4404/TC4405 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Over operating temperature range with 4.5V
V
DD18V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIH
Logic 1, High Input Voltage
2.4
V
VIL
Logic 0, Low Input Voltage
0.8
V
IIN
Input Current
-10
10
A0VV
INVDD
Output
VOH
High Output Voltage
VDD – 0.025
V
VOL
Low Output Voltage
0.025
V
RO
Output Resistance
9
12
IOUT = 10 mA, VDD = 18V; Any Drain
IPK
Peak Output Current (Any Drain)
1.5
A
Duty cycle
2%, t 300 sec
IDC
Continuous Output Current (Any Drain)
100
mA
IR
Latch-Up Protection (Any Drain)
Withstand Reverse Current
>500
mA
Duty cycle
2%, t 300 sec
Switching Time (Note 1)
tR
Rise Time
40
nsec
Figure 3-1, CL = 1000 pF
tF
Fall Time
40
nsec
Figure 3-1, CL = 1000 pF
tD1
Delay Time
40
nsec
Figure 3-1, CL = 1000 pF
tD2
Delay Time
60
nsec
Figure 3-1, CL = 1000 pF
Power Supply
IS
Power Supply Current
8
0.6
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1: Switching times ensured by design.


Numéro de pièce similaire - TC4405

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC4405 TELCOM-TC4405 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4405 MICROCHIP-TC4405 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4405 MICROCHIP-TC4405 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4405 MICROCHIP-TC4405 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
TelCom Semiconductor, I...
TC4405COA TELCOM-TC4405COA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
More results

Description similaire - TC4405

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com