Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5311BRM-REEL7 Datasheet(Fiches technique) 16 Page - Analog Devices

Numéro de pièce AD5311BRM-REEL7
Description  2.5 V to 5.5 V, 120 μA, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD5311BRM-REEL7 Datasheet(HTML) 16 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 16 of 24
READ OPERATION
When reading data back from the AD5301/AD5311/AD5321
DACs, the user must begin with an address byte after which
the DAC acknowledges that it is prepared to transmit data by
pulling SDA low. There are two different read operations. In the
case of the AD5301, the readback is a single byte that consists of
the eight data bits in the DAC register. However, in the case
of the AD5311 and AD5321, the readback consists of two bytes
that contain both the data and the power-down mode bits. The
read operations for the three DACs are shown in Figure 32 to
Figure 34.
SCL
SDA
ACK
BY
AD5301
NO ACK
BY
MASTER
START
COND
BY
MASTER
*THIS BIT MUST BE 0 IN THE 6-LEAD SOT-23 VERSION.
ADDRESS BYTE
00
0
1
1
A1*
A0
R/W
STOP
COND
BY
MASTER
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Figure 32. AD5301 Readback Sequence
SCL
SDA
SCL
SDA
LEAST SIGNIFICANT CONTROL BYTE
*THIS BIT MUST BE 0 IN THE 6-LEAD SOT-23 VERSION.
NO ACK
BY
MASTER
STOP
COND
BY
MASTER
PD1
X
X
PD0
D9
D8
D7
D6
0A1*
A0
00
11
R/W
D5
D4
D3
D2
D1
D0
X
X
ACK
BY
AD5311
ACK
BY
AD5311
START
COND
BY
MASTER
MOST SIGNIFICANT BYTE
ADDRESS BYTE
Figure 33. AD5311 Readback Sequence
LEAST SIGNIFICANT BYTE
SCL
SDA
SCL
SDA
ACK
BY
AD5321
NO ACK
BY
MASTER
START
COND
BY
MASTER
STOP
COND
BY
MASTER
*THIS BIT MUST BE 0 IN THE 6-LEAD SOT-23 VERSION.
ADDRESS BYTE
STOP
COND
BY
MASTER
MOST SIIGNIFICANT BYTE
0
D7
D6
D5
D4
D3
D2
D1
D0
00
1
1
A1*
A0
R/W
X
X
PD1
PD0
D11
D10
D9
D8
Figure 34. AD5321 Readback Sequence


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn