Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5311BRM-REEL7 Datasheet(Fiches technique) 9 Page - Analog Devices

Numéro de pièce AD5311BRM-REEL7
Description  2.5 V to 5.5 V, 120 μA, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD5311BRM-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.5
0
–0.5
–1.0
0
50
100
150
200
255
CODE
TA = 25°C
VDD = 5V
Figure 5. AD5301 Typical INL Plot
3
1
0
–2
–3
0
200
400
600
800
1023
CODE
TA = 25°C
VDD = 5V
–1
2
3
1
0
–8
–12
0
1000
2000
3000
4095
CODE
–4
2
Figure 6. AD5311 Typical INL Plot
TA = 25°C
VDD = 5V
Figure 7. AD5321 Typical INL Plot
0.3
0.1
0
–0.2
–0.3
0
50
100
150
255
CODE
–0.1
0.2
200
TA = 25°C
VDD = 5V
Figure 8. AD5301 Typical DNL Plot
0.6
0.2
0
–0.4
–0.6
0
200
400
600
800
1023
CODE
–0.2
0.4
TA = 25°C
VDD = 5V
1.0
0.5
0
–0.5
–1.0
0
1000
2000
3000
4095
CODE
Figure 9. AD5311 Typical DNL Plot
TA = 25°C
VDD = 5V
Figure 10. AD5321 Typical DNL Plot


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn