Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5311BRM-REEL Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5311BRM-REEL
Description  2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5311BRM-REEL Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5311BRM-REEL Datasheet HTML 5Page - Analog Devices AD5311BRM-REEL Datasheet HTML 6Page - Analog Devices AD5311BRM-REEL Datasheet HTML 7Page - Analog Devices AD5311BRM-REEL Datasheet HTML 8Page - Analog Devices AD5311BRM-REEL Datasheet HTML 9Page - Analog Devices AD5311BRM-REEL Datasheet HTML 10Page - Analog Devices AD5311BRM-REEL Datasheet HTML 11Page - Analog Devices AD5311BRM-REEL Datasheet HTML 12Page - Analog Devices AD5311BRM-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.5
0
–0.5
–1.0
0
50
100
150
200
255
CODE
TA = 25°C
VDD = 5V
Figure 5. AD5301 Typical INL Plot
3
1
0
–2
–3
0
200
400
600
800
1023
CODE
TA = 25°C
VDD = 5V
–1
2
3
1
0
–8
–12
0
1000
2000
3000
4095
CODE
–4
2
Figure 6. AD5311 Typical INL Plot
TA = 25°C
VDD = 5V
Figure 7. AD5321 Typical INL Plot
0.3
0.1
0
–0.2
–0.3
0
50
100
150
255
CODE
–0.1
0.2
200
TA = 25°C
VDD = 5V
Figure 8. AD5301 Typical DNL Plot
0.6
0.2
0
–0.4
–0.6
0
200
400
600
800
1023
CODE
–0.2
0.4
TA = 25°C
VDD = 5V
1.0
0.5
0
–0.5
–1.0
0
1000
2000
3000
4095
CODE
Figure 9. AD5311 Typical DNL Plot
TA = 25°C
VDD = 5V
Figure 10. AD5321 Typical DNL Plot


Numéro de pièce similaire - AD5311BRM-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5311BRM AD-AD5311BRM Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311BRMZ AD-AD5311BRMZ Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
AD5311BRMZ-REEL AD-AD5311BRMZ-REEL Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
AD5311BRMZ-REEL7 AD-AD5311BRMZ-REEL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Description similaire - AD5311BRM-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com