Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5253BRUZ50 Fiches technique(PDF) 27 Page - Analog Devices

No de pièce AD5253BRUZ50
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5253BRUZ50 Fiches technique(HTML) 27 Page - Analog Devices

Back Button AD5253BRUZ50 Datasheet HTML 23Page - Analog Devices AD5253BRUZ50 Datasheet HTML 24Page - Analog Devices AD5253BRUZ50 Datasheet HTML 25Page - Analog Devices AD5253BRUZ50 Datasheet HTML 26Page - Analog Devices AD5253BRUZ50 Datasheet HTML 27Page - Analog Devices AD5253BRUZ50 Datasheet HTML 28Page - Analog Devices AD5253BRUZ50 Datasheet HTML 29Page - Analog Devices AD5253BRUZ50 Datasheet HTML 30Page - Analog Devices AD5253BRUZ50 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD5253/AD5254
Rev. C | Page 27 of 32
AD8594
U3B
U3A
AD8594
+5V
C10
U3D
SCL
SDA
R4
R3
R2
C1
22k
 22k
250k
 250k
10k
10k
10k
250k
10k
10k
 10k
4.7
0.1
4.7
0.1
4.7
0.1
100k
10
F
390
F
0.1
F
10
F
10
F
R7
R6
A3
U1
RDAC3
CLK
SDI
A2
B2
A1
B1
RDAC2
RDAC1
A0
L1 - SLF6025-100M1R0
D1 - MBR0520LT1
W0
PWM
W1
W2
B0
RDAC0
GND AD0 AD1
AD5254
B3
RC
R1
R5
U2
D1
DB1
DB2
DB3
DG1
DG2
DG3
DR1
VOUT
DR2
DR3
VB
N3
IB
IG
IR
VG
VRB
N2
C3
R10
RB
R9
R8
VRR
IRFL3103
IRFL3103
IRFL3103
VR
RR
RG
VRG
N1
+5V
C11
8
U3C
4
L1
VDD
CSS
CC
VSS
VREF = 2.5V
10
F
0.1
F
AD8594
AD8594
SD
V+
V–
ADP1610
IN
SW
FB
COMP
SS
RT GND
SD
Figure 45. Digital Potentiometer-Based RGB LED Controller


Numéro de pièce similaire - AD5253BRUZ50

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5253BRUZ50 AD-AD5253BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRUZ50-RL7 AD-AD5253BRUZ50-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Description similaire - AD5253BRUZ50

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com