Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2014-3.3VCTTR Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce TC2014-3.3VCTTR
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014-3.3VCTTR Fiches technique(HTML) 3 Page - Microchip Technology

  TC2014-3.3VCTTR Datasheet HTML 1Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 2Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 3Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 4Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 5Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 6Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 7Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 8Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21662F-page 3
TC2014/2015/2185
TEMPERATURE CHARACTERISTICS
Thermal Regulation
V
OUT/PD
—0.04
V/W
Note 6, Note 7
Thermal Shutdown Die
Temperature
TSD
160
°C
Output Noise
eN
200
nV/
Hz I
L = IOUTMAX, F = 10 kHz
470 pF from Bypass to GND
Response Time
(from Shutdown Mode)
(Note 8)
TR
—60—
µs
VIN = 4V, IL = 30 mA,
CIN = 1 µF, COUT = 10 µF
SHDN Input
SHDN Input High
Threshold
VIH
60
——
%VIN
VIN = 2.5V to 6.0V
SHDN Input Low
Threshold
VIL
——
15
%VIN
VIN = 2.5V to 6.0V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
BOLDFACE type specifications apply for junction temperature of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1: The minimum VIN has to meet two conditions: VIN = 2.7V and VIN = VR + VDROPOUT.
2: VR is the regulator output voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V.
3:
4: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 1.0 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the Thermal Regulation specification.
5: Dropout Voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value.
6: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to IMAX at VIN = 6V for T = 10 ms.
7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e. TA, TJ, JA).
8: Time required for VOUT to reach 95% of VR (output voltage setting), after VSHDN is switched from 0 to VIN.
TCV
OUT
V
OUTMAX
V
OUTMIN
 10
6
V
OUT
T
----------------------------------------------------------------------------
=
Electrical Specifications: Unless otherwise noted, VDD = +2.7V to +6.0V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges:
Extended Temperature Range
TA
-40
+125
°C
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances:
Thermal Resistance, 5L-SOT-23
JA
—255
°C/W


Numéro de pièce similaire - TC2014-3.3VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC2014-3.3VCTTR MICROCHIP-TC2014-3.3VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2014-3.3VCTTR MICROCHIP-TC2014-3.3VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results

Description similaire - TC2014-3.3VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com