Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5241BRZ100 Datasheet(Fiches technique) 6 Page - Analog Devices

Numéro de pièce AD5241BRZ100
Description  I2C-Compatible, 256-Position Digital Potentiometers
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD5241BRZ100 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5241/AD5242
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VSS to GND
0 V to −7 V
VDD to VSS
7 V
VA, VB, VW to GND
VSS to VDD
IA, IB, IW
RAB = 10 kΩ in TSSOP-14
5.0 mA1
RAB = 100 kΩ in TSSOP-14
1.5 mA1
RAB = 1 MΩ in TSSOP-14
0.5 mA1
Digital Input Voltage to GND
0 V to VDD + 0.3 V
Operating Temperature Range
−40°C to +105°C
Thermal Resistance θJA
14-Lead SOIC
158°C/W
16-Lead SOIC
73°C/W
14-Lead TSSOP
206°C/W
16-Lead TSSOP
180°C/W
Maximum Junction Temperature (TJ max)
150°C
Package Power Dissipation
PD = (TJ max − TA)/θJA
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Vapor Phase, 60 sec
215°C
Infrared, 15 sec
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 Maximum current increases at lower resistance and different packages.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn