Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD834JRZ-RL Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AD834JRZ-RL
Description  500 MHz Four-Quadrant Multiplier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD834JRZ-RL Fiches technique(HTML) 16 Page - Analog Devices

Back Button AD834JRZ-RL Datasheet HTML 12Page - Analog Devices AD834JRZ-RL Datasheet HTML 13Page - Analog Devices AD834JRZ-RL Datasheet HTML 14Page - Analog Devices AD834JRZ-RL Datasheet HTML 15Page - Analog Devices AD834JRZ-RL Datasheet HTML 16Page - Analog Devices AD834JRZ-RL Datasheet HTML 17Page - Analog Devices AD834JRZ-RL Datasheet HTML 18Page - Analog Devices AD834JRZ-RL Datasheet HTML 19Page - Analog Devices AD834JRZ-RL Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD834
Data Sheet
Rev. F | Page 16 of 20
FREQUENCY DOUBLER
Figure 21 shows another squaring application. In this case, the
output filter has been removed and the wideband differential
output is converted to a single-sided signal using a balun, which
consists of a length of 50 Ω coaxial cable fed through a ferrite
core (Fair-Rite Type 2677006301). No attempt is made to reverse
terminate the output. Higher load power can be achieved by
replacing the 50 Ω load resistors with ferrite bead inductors.
The same precautions should be observed with regard to printed
circuit board (PCB) layout as recommended in the Power
Measurement (Mean-Square and RMS) section. The output
spectrum shown in Figure 22 is for an input power of +10 dBm
at a frequency of 200 MHz. The second harmonic component at
400 MHz has an output power of −15 dBm. Some feedthrough
of the fundamental occurs; it is 15 dB below the main output. A
spurious output at 600 MHz is also present, but it is 30 dB
below the main output. At an input frequency of 100 MHz,
the measured power level at 200 MHz is −16 dBm, while the
fundamental feedthrough is reduced to 25 dB below the main
output; at an output of 600 MHz the power is −11 dBm and the
third harmonic at 900 MHz is 32 dB below the main output.
SMA FROM
HP8656A
GENERATOR
SMA TO
HP8656A
SPECTRUM
ANALYZER
8
7
6
5
1
2
3
4
X2
X1 +VS W1
Y1
Y2
–VS W2
AD834
0.1µF
0.1µF
0.1µF
0.1µF
75Ω
560pF
560pF
BALUN
+5V
10Ω
49.9Ω
49.9Ω
–5V
25Ω 125Ω
125Ω
25Ω
Figure 21. Frequency Doubler Connections
FREQUENCY (MHz)
–10
150
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
200
250
300
350
400
450
500
550
600
650
Figure 22. Output Spectrum for Configuration of Figure 21
WIDEBAND THREE-SIGNAL MULTIPLIER/DIVIDER
Two AD834 devices and a wideband op amp can be connected
to make a versatile multiplier/divider having the transfer
function
(
)(
)
(
)
Z
U2
U1
Y2
Y1
X2
X1
W
+
=
with a denominator range of about 100:1. The denominator
input U = U1 − U2 must be positive and in the range 100 mV
to 10 V; X, Y, and Z inputs may have either polarity. Figure 23
shows a general configuration that may be simplified to suit a
particular application. This circuit accepts full-scale input voltages
of 10 V, and delivers a full-scale output voltage of 10 V. The optional
offset trim at the output of the AD834 improves the accuracy for
small denominator values. It is adjusted by nulling the output
voltage when the X and Y inputs are zero and U = 100 mV.
The op amp is internally compensated to be stable without the
use of any additional HF compensation. As Input U is reduced,
the bandwidth falls because the feedback around the op amp is
proportional to Input U. Note that, this circuit was originally
characterized using the AD840 op amp; some alternative op
amps include the AD818 and the AD8021.
This circuit can be modified in several ways. For example, if the
differential input feature is not needed, the unused input can be
connected to ground through a single resistor, equal to the parallel
sum of the resistors in the attenuator section. The full-scale input
levels on X, Y, and U can be adapted to any full-scale voltage
down to ±1 V by altering the attenuator ratios. Note, however,
that precautions must be taken if the attenuator ratio from the
output of A3 back to the second AD834 (A2) is lowered. First,
the HF compensation limit of the op amp may be exceeded if
the negative feedback factor is too high. Second, if the attenuated
output at the AD834 exceeds its clipping level of ±1.3 V, feedback
control is lost and the output suddenly jumps to the supply rails.
However, with these limitations understood, it is possible to adapt
the circuit to smaller full-scale inputs and/or outputs, for use
with lower supply voltages.


Numéro de pièce similaire - AD834JRZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD834JR AD-AD834JR Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834JR-REEL AD-AD834JR-REEL Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834JR-REEL7 AD-AD834JR-REEL7 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
More results

Description similaire - AD834JRZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com