Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD830AN Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD830AN
Description  High Speed, Video Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD830AN Fiches technique(HTML) 3 Page - Analog Devices

  AD830AN Datasheet HTML 1Page - Analog Devices AD830AN Datasheet HTML 2Page - Analog Devices AD830AN Datasheet HTML 3Page - Analog Devices AD830AN Datasheet HTML 4Page - Analog Devices AD830AN Datasheet HTML 5Page - Analog Devices AD830AN Datasheet HTML 6Page - Analog Devices AD830AN Datasheet HTML 7Page - Analog Devices AD830AN Datasheet HTML 8Page - Analog Devices AD830AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD830
Rev. C | Page 3 of 20
SPECIFICATIONS
VS = ±15 V, RLOAD = 150 Ω, CLOAD = 5 pF, TA = 25°C, unless otherwise noted.
Table 1.
AD830J/AD830A
AD830S1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
3 dB Small Signal Bandwidth
Gain = +1, VOUT = 100 mV rms
75
85
75
85
MHz
0.1 dB Gain Flatness
Frequency
Gain = +1, VOUT = 100 mV rms
11
15
11
15
MHz
Differential Gain Error
0 V to 0.7 V, frequency =
4.5 MHz
0.06
0.09
0.06
0.09
%
Differential Phase Error
0 V to 0.7 V, frequency =
4.5 MHz
0.08
0.12
0.08
0.12
Degrees
Slew Rate
2 V step, RL = 500 Ω
360
360
V/μs
4 V step, RL = 500 Ω
350
350
V/μs
3 dB Large Signal Bandwidth
Gain = +1, VOUT = 1 V rms
38
45
38
45
MHz
Settling Time, Gain = +1
VOUT = 2 V step, to 0.1%
25
25
ns
VOUT = 4 V step, to 0.1%
35
35
ns
Harmonic Distortion
2 V p-p, frequency = 1 MHz
−82
−82
dBc
2 V p-p, frequency = 4 MHz
−72
−72
dBc
Input Voltage Noise
frequency = 10 kHz
27
27
nV/√Hz
Input Current Noise
1.4
1.4
pA/√Hz
DC PERFORMANCE
Offset Voltage
Gain = +1
±1.5
±3
±1.5
±3
mV
Gain = +1, TMIN − TMAX
±5
±7
mV
Open-Loop Gain
DC
64
69
64
69
dB
Gain Error
RL = 1 kΩ, G = ±1
±0.1
±0.6
±0.1
±0.6
%
Peak Nonlinearity, RL = 1 kΩ,
−1 V ≤ X ≤ +1 V
0.01
0.03
0.01
0.03
% FS
Gain = +1
−1.5 V ≤ X ≤ +1.5 V
0.035
0.07
0.035
0.07
% FS
−2 V ≤ X ≤ +2 V
0.15
0.4
0.15
0.4
% FS
Input Bias Current
VIN = 0 V, 25°C to TMAX
5
10
5
10
μA
VIN = 0 V, TMIN
7
13
8
17
μA
Input Offset Current
VIN = 0 V, TMIN − TMAX
0.1
1
0.1
1
μA
INPUT CHARACTERISTICS
Differential Voltage Range
VCM = 0
±2.0
±2.0
V
Differential Clipping Level2
Pin 1 and Pin 2 inputs only
±2.1
±2.3
±2.1
±2.3
V
Common-Mode Voltage
Range
VDM = ±1 V
−12.0
+12.8
−12.0
+12.8
V
CMRR
DC, Pin 1/Pin 2, ±10 V
90
100
90
100
dB
DC, Pin 1/Pin 2, ±10 V,
TMIN − TMAX
88
86
dB
Frequency = 4 MHz
55
60
55
60
dB
Input Resistance
370
370
Input Capacitance
2
2
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL ≥ 1 kΩ
±12
+13.8/−13.8
±12
+13.8/−13.8
V
RL ≥ 1 kΩ, ±16.5 VS
±13
+15.3/−14.7
±13
+15.3/−14.7
V
Short-Circuit Current
Short to ground
±80
±80
mA
Output Current
RL = 150 Ω
±50
±50
mA


Numéro de pièce similaire - AD830AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD830AN AD-AD830AN Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
AD830ANZ AD-AD830ANZ Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
More results

Description similaire - AD830AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
AD830 AD-AD830_15 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
   Video Difference Amplifier
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
   Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
   Video Difference Amplifier?
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
   Video Difference Amplifier
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com