Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBQ201209T-222Y-N Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce NBQ201209T-222Y-N
Description  SMD Chip Beads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NBQ201209T-222Y-N Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NBQ201209T-222Y-N Datasheet HTML 4Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 5Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 10Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 11Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
11
ELECTRICAL CHARACTERISTICS HF Series
PART NO.
IMPEDANCE
TEST FREQUENCY IMPEDANCE
TEST FREQUENCY DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(MHz)
(Ω) Max.
(mA) Max.
HFJ100505T-601Y-N
600
100
1,400
1,000
0.850
300
HFJ100505T-102Y-N
1,000
100
2,000
1,000
1.250
250
HFJ100505T-152Y-N
1,500
100
2,400
1,000
1.800
230
HFJ100505T-182Y-N
1,800
100
2,700
1,000
2.200
200
HFJ160808T-471Y-N
470
100
1,000
1,000
1.000
100
HFJ160808T-601Y-N
600
100
1,200
1,000
1.100
100
HFJ160808T-102Y-N
1,000
100
1,200
1,000
1.600
50
HFJ160808T-152Y-N
1,500
100
1,500
1,000
1.700
50
HFQ100505T-121Y-N
120
100
500
1,000
0.700
300
HFQ100505T-221Y-N
220
100
900
1,000
1.000
250
HFQ160808T-121Y-N
120
100
500
1,000
0.500
200
HFQ160808T-221Y-N
220
100
1,100
1,000
0.800
100
HFQ160808T-301Y-N
300
100
1,300
1,000
1.100
80
HFQ160808T-331Y-N
330
100
1,600
1,000
1.200
50
HFV160808T-601Y-N
600
100
600
1,000
0.250
800
HFV160808T-102Y-N
1,000
100
1,000
1,000
0.350
600
HFV160808T-152Y-N
1,500
100
1,500
1,000
0.500
500
HFY100505T-601Y-N
600
100
1,000
1,000
0.700
300
HFY100505T-102Y-N
1,000
100
1,400
1,000
1.100
250
HFY100505T-121Y-NP
120
100
150
1,000
0.095
1,500
HFY100505T-221Y-NP
220
100
270
1,000
0.280
700
HFY160808T-301Y-N
300
100
550
1,000
0.700
200
HFY160808T-471Y-N
470
100
600
1,000
0.700
200
HFY160808T-601Y-N
600
100
700
1,000
0.800
200
HFY160808T-102Y-N
1,000
100
1,000
1,000
1.500
100
HFY160808T-152Y-N
1,500
100
1,500
1,000
1.600
100
HFY160808T-331Y-NP
330
100
450
1,000
0.210
500
HFY160808T-391Y-NP
390
100
520
1,000
0.210
500
HFY160808T-471Y-NP
470
100
600
1,000
0.210
500
HFY160808T-601Y-NP
600
100
700
1,000
0.350
500
HFY160808T-102Y-NP
1,000
100
1,000
1,000
0.500
450


Description similaire - NBQ201209T-222Y-N

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com