Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD829AR Datasheet(Fiches technique) 11 Page - Analog Devices

Numéro de pièce AD829AR
Description  High Speed, Low Noise Video Op Amp
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD829AR Datasheet(HTML) 11 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 11 of 20
TEST CIRCUITS
Figure 31. Offset Null and External Shunt Compensation Connections
Figure 32. Follower Connection, Gain = 2
Figure 33. Follower Connection, Gain = 20
Figure 34. Unity-Gain Inverter Connection
1
2
3
8
5
7
4
6
+
AD829
–VS
+VS
OFFSET
NULL
ADJUST
0.1
µF
0.1
µF
CCOMP
(EXTERNAL)
3
2
7
5
6
4
+
AD829
+15V
–15V
0.1µF
5pF
300kΩ
300kΩ
CCOMP
15pF
0.1µF
50Ω
CABLE
50Ω
50Ω
50Ω
TEKTRONIX
TYPE 7A24
PREAMP
50Ω
CABLE
HP8130A
5ns RISE TIME
2
3
7
6
4
+
AD829
+15V
–15V
0.1µF
1pF
2kΩ
105kΩ
0.1µF
5Ω
100Ω
50Ω
CABLE
HP8130A
5ns RISE TIME
TEKTRONIX
TYPE 7A24
PREAMP
FET
PROBE
45Ω
CCOMP = 0pF
2
3
7
6
4
+
AD829
+15V
–15V
0.1µF
0.1µF
5
CCOMP
15pF
50Ω
HP8130A
5ns RISE TIME
50Ω
CABLE
50Ω
CABLE
300Ω
50Ω
5pF
300Ω
50Ω
TEKTRONIX
TYPE 7A24
PREAMP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn