Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD829AR Datasheet(Fiches technique) 7 Page - Analog Devices

Numéro de pièce AD829AR
Description  High Speed, Low Noise Video Op Amp
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD829AR Datasheet(HTML) 7 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 7 of 20
Figure 11. Quiescent Current vs. Temperature
Figure 12. Short-Circuit Current Limit vs. Ambient Temperature
Figure 13. –3 dB Bandwidth vs. Temperature
Figure 14. Open-Loop Gain and Phase vs. Frequency
Figure 15. Open-Loop Gain vs. Resistive Load
Figure 16. Power Supply Rejection Ratio (PSRR) vs. Frequency
TEMPERATURE (
°C)
–60
–40
–20
0
20
40
60
80
100
120
3
7
6
5
4
140
VS = ±15V
VS = ±5V
AMBIENT TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
15
40
30
35
25
20
140
NEGATIVE
CURRENT LIMIT
POSITIVE
CURRENT LIMIT
VS = ±5V
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
45
65
60
55
50
140
VS = ±15V
AV = +20
CCOMP = 0pF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
120
100
80
60
40
20
–20
100
80
60
40
20
0
100M
PHASE
GAIN
±5V
SUPPLIES
500
Ω LOAD
GAIN
±15V
SUPPLIES
1k
Ω LOAD
CCOMP = 0pF
LOAD RESISTANCE (
Ω)
10
100
1k
75
80
85
90
95
100
105
10k
VS = ±15V
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
20
120
100
60
80
40
100M
+SUPPLY
–SUPPLY
CCOMP = 0pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn