Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD829 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD829
Description  High Speed, Low Noise Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD829 Fiches technique(HTML) 5 Page - Analog Devices

  AD829_11 Datasheet HTML 1Page - Analog Devices AD829_11 Datasheet HTML 2Page - Analog Devices AD829_11 Datasheet HTML 3Page - Analog Devices AD829_11 Datasheet HTML 4Page - Analog Devices AD829_11 Datasheet HTML 5Page - Analog Devices AD829_11 Datasheet HTML 6Page - Analog Devices AD829_11 Datasheet HTML 7Page - Analog Devices AD829_11 Datasheet HTML 8Page - Analog Devices AD829_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
8-Lead PDIP (N)
1.3 W
8-Lead SOIC (R)
0.9 W
8-Lead CERDIP (Q)
1.3 W
20-Terminal LCC (E)
0.8 W
Differential Input Voltage2
±6 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
8-Lead CERDIP (Q) and 20-Terminal LCC (E)
−65°C to +150°C
8-Lead PDIP (N) and 8-Lead SOIC (R)
−65°C to +125°C
Operating Temperature Range
AD829J
0°C to 70°C
AD829A
−40°C to +125°C
AD829S
−55°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
1
Maximum internal power dissipation is specified so that TJ does not exceed
150°C at an ambient temperature of 25°C.
2
If the differential voltage exceeds 6 V, external series protection resistors
should be added to limit the input current.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Table 3.
Package Type
θJA
Unit
8-Lead PDIP (N)
100 (derates at 8.7 mW/°C)
°C/W
8-Lead CERDIP (Q)
110 (derates at 8.7 mW/°C)
°C/W
20-Lead LCC (E)
77
°C/W
8-Lead SOIC (R)
125 (derates at 6 mW/°C)
°C/W
METALLIZATION PHOTO
Figure 3. Metallization Photo; Contact Factory for Latest Dimensions,
Dimensions Shown in Inches and (Millimeters)
Figure 4. Maximum Power Dissipation vs. Temperature
ESD CAUTION
–IN
2
OFFSET NULL
1
0.054
(1.37)
0.067 (1.70)
SUBSTRATE CONNECTED TO +VS
OFFSET NULL
8
+VS
7
–VS
4
CCOMP
5
OUTPUT
6
+IN
3
AMBIENT TEMPERATURE (
°C)
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95 105 115
0
0.5
1.0
1.5
2.0
2.5
125
CERDIP
SOIC
PDIP
LCC


Numéro de pièce similaire - AD829_11

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

Description similaire - AD829_11

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com