Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1108-xxVDB Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC1108-xxVDB
Description  300mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1108-xxVDB Fiches technique(HTML) 2 Page - Microchip Technology

  TC1108-xxVDB Datasheet HTML 1Page - Microchip Technology TC1108-xxVDB Datasheet HTML 2Page - Microchip Technology TC1108-xxVDB Datasheet HTML 3Page - Microchip Technology TC1108-xxVDB Datasheet HTML 4Page - Microchip Technology TC1108-xxVDB Datasheet HTML 5Page - Microchip Technology TC1108-xxVDB Datasheet HTML 6Page - Microchip Technology TC1108-xxVDB Datasheet HTML 7Page - Microchip Technology TC1108-xxVDB Datasheet HTML 8Page - Microchip Technology TC1108-xxVDB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1108
DS21357C-page 2
 2002-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage .........................................................6.5V
Output Voltage.................. (VSS – 0.3V) to (VIN + 0.3V)
Power Dissipation................Internally Limited (Note 6)
Maximum Voltage on Any Pin ........ VIN +0.3V to -0.3V
Operating Temperature Range...... -40°C < TJ < 125°C
Storage Temperature..........................-65°C to +150°C
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1108 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN = VOUT + 1V, IL = 100A, CL = 3.3F, TA = 25°C, unless otherwise noted. Boldface type
specifications apply for junction temperatures of -40°C to +125°C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Input Operating Voltage
2.7
6.0
V
Note 7
IOUTMAX
Maximum Output Current
300
——
mA
VOUT
Output Voltage
VR – 2.5%
VR ±0.5%
VR + 2.5%
V
Note 1
V
OUT/TVOUT Temperature Coefficient
40
ppm/°C Note 2
V
OUT/VIN
Line Regulation
0.05
0.35
%(VR + 1V) VIN6V
V
OUT/VOUT
Load Regulation
0.5
2.0
%IL = 0.1mA to IOUTMAX (Note 3)
VIN-VOUT
Dropout Voltage
20
80
240
30
160
480
mV
IL = 0.1mA
IL = 100mA
IL = 300mA (Note 4)
IDD
Supply Current
50
90
A
PSRR
Power Supply Rejection Ratio
60
dB
FRE 1kHz
IOUTSC
Output Short Circuit Current
550
650
mA
VOUT = 0V
V
OUT/PD
Thermal Regulation
0.04
V/W
Note 5
eN
Output Noise
260
nV/
Hz F = 10kHz, C
OUT = 1F,
RLOAD = 50
Note
1:
VR is the regulator output voltage setting.
2:
3:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range
from 0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a
1V differential.
5:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or
line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA, TJ, JA). Exceeding the maximum allowable power dissipation causes the device to initiate
thermal shutdown. Please see Section 4.0 Thermal Considerations for more details.
7:
The minimum VIN has to justify the conditions: VIN  VR + VDROPOUT and VIN  2.7V for IL = 0.1mA to IOUTMAX.
TC VOUT = (VOUTMAX – VOUTMIN) x 10
6
VOUT x T


Numéro de pièce similaire - TC1108-xxVDB

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1108-25VDB MICROCHIP-TC1108-25VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-28VDB MICROCHIP-TC1108-28VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-3.3VDBTR MICROCHIP-TC1108-3.3VDBTR Datasheet
197Kb / 12P
   300mA CMOS LDO
10/26/12
TC1108-30VDB MICROCHIP-TC1108-30VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-33VDB MICROCHIP-TC1108-33VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
More results

Description similaire - TC1108-xxVDB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com