Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1108-xxVDB Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce TC1108-xxVDB
Description  300mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1108-xxVDB Fiches technique(HTML) 4 Page - Microchip Technology

  TC1108-xxVDB Datasheet HTML 1Page - Microchip Technology TC1108-xxVDB Datasheet HTML 2Page - Microchip Technology TC1108-xxVDB Datasheet HTML 3Page - Microchip Technology TC1108-xxVDB Datasheet HTML 4Page - Microchip Technology TC1108-xxVDB Datasheet HTML 5Page - Microchip Technology TC1108-xxVDB Datasheet HTML 6Page - Microchip Technology TC1108-xxVDB Datasheet HTML 7Page - Microchip Technology TC1108-xxVDB Datasheet HTML 8Page - Microchip Technology TC1108-xxVDB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1108
DS21357C-page 4
 2002-2012 Microchip Technology Inc.
4.0
THERMAL CONSIDERATIONS
4.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when die temperature exceeds 150°C.
The regulator remains off until the die temperature
drops to approximately 140°C.
4.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst case actual power dissipation:
EQUATION 4-1:
The maximum allowable power dissipation (Equation
4-2) is a function of the maximum ambient temperature
(TAMAX), the maximum allowable die temperature
(TJMAX) and the thermal resistance from junction-to-air
(
JA).
EQUATION 4-2:
Table 4-1 shows various values of
JA for the TC1108
versus board copper area.
TABLE 4-1:
THERMAL RESISTANCE
GUIDELINES FOR TC1108
NOTE: *Tab of device attached to topside copper
Equation 4-1 can be used in conjunction with Equation
4-2 to ensure regulator thermal operation is within
limits. For example:
Given:
VINMAX
= 3.3V + 10%
VOUTMIN = 2.7V – 0.5%
ILOADMAX = 275mA
TJMAX
= 125°C
TAMAX
= 95°C
JA
= 59°C/W
Find: 1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD  (VINMAX – VOUTMIN)ILOADMAX
= [(3.3 x 1.1) – (2.7 x .995)]275 x 10–3
= 260mW
Maximum allowable power dissipation:
In this example, the TC1108 dissipates a maximum of
260mW; below the allowable limit of 508mW. In a
similar manner, Equation 4-1 and Equation 4-2 can be
used to calculate maximum current and/or input
voltage limits. For example, the maximum allowable
VIN, is found by sustituting the maximum allowable
power dissipation of 508mW into Equation 4-1, from
which VINMAX = 4.6V.
Copper
Area
(Topside)*
Copper
Area
(Backside)
Board
Area
Thermal
Resistance
(
JA)
2500 sq mm
2500 sq mm 2500 sq mm
45°C/W
1000 sq mm
2500 sq mm 2500 sq mm
45°C/W
225 sq mm
2500 sq mm 2500 sq mm
53°C/W
100 sq mm
2500 sq mm 2500 sq mm
59°C/W
1000 sq mm
1000 sq mm 1000 sq mm
52°C/W
1000 sq mm
0 sq mm
1000 sq mm
55°C/W
Where:
PD  (VINMAX – VOUTMIN)ILOADMAX
VINMAX
VOUTMIN
ILOADMAX
= Worst case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
PD
PDMAX = (TJMAX – TAMAX)
JA
Where all terms are previously defined.
PDMAX = (TJMAX – TAMAX)
JA
= (125 – 95)
59
= 508mW


Numéro de pièce similaire - TC1108-xxVDB

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1108-25VDB MICROCHIP-TC1108-25VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-28VDB MICROCHIP-TC1108-28VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-3.3VDBTR MICROCHIP-TC1108-3.3VDBTR Datasheet
197Kb / 12P
   300mA CMOS LDO
10/26/12
TC1108-30VDB MICROCHIP-TC1108-30VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-33VDB MICROCHIP-TC1108-33VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
More results

Description similaire - TC1108-xxVDB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com