Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1016-1.8VLTTR Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce TC1016-1.8VLTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-1.8VLTTR Fiches technique(HTML) 9 Page - Microchip Technology

Back Button TC1016-1.8VLTTR Datasheet HTML 5Page - Microchip Technology TC1016-1.8VLTTR Datasheet HTML 6Page - Microchip Technology TC1016-1.8VLTTR Datasheet HTML 7Page - Microchip Technology TC1016-1.8VLTTR Datasheet HTML 8Page - Microchip Technology TC1016-1.8VLTTR Datasheet HTML 9Page - Microchip Technology TC1016-1.8VLTTR Datasheet HTML 10Page - Microchip Technology TC1016-1.8VLTTR Datasheet HTML 11Page - Microchip Technology TC1016-1.8VLTTR Datasheet HTML 12Page - Microchip Technology TC1016-1.8VLTTR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21666B-page 9
TC1016
4.0
DETAILED DESCRIPTION
The TC1016 is a precision, fixed-output, linear voltage
regulator. The internal linear pass element is a P-
channel MOSFET. As with all P-channel CMOS LDOs,
there is a body drain diode, with the cathode connected
to VIN and the anode connected to VOUT (Figure 4-1).
As shown in Figure 4-1, the output voltage of the LDO
is sensed and divided down internally to reduce
external component count. The internal error amplifier
has a fixed, band gap reference on the inverting input,
with the sensed output voltage on the non-inverting
input. The error amplifier output will pull the gate
voltage down until the inputs of the error amplifier are
equal in order to regulate the output voltage.
By sensing the current in the P-channel MOSFET, the
maximum current delivered to the load is limited to a
typical value of 120 mA, preventing excessive current
from damaging the Printed Circuit Board (PCB) in the
event of a shorted or faulted load.
An internal thermal sensing device is used to monitor
the junction temperature of the LDO. When the sensed
temperature is over the set threshold of 160°C (typ.),
the P-channel MOSFET is turned off. When the
MOSFET is off, the power dissipation internal to the
device is almost zero. The device cools until the
junction temperature is approximately 150°C and the
MOSFET is turned on. If the internal power dissipation
is still high enough for the junction to rise to 160°C, it
will again shut off and cool. The maximum operating
junction temperature of the device is 125°C. Steady-
state operation at or near the 160°C overtemperature
point can lead to permanent damage of the device.
The output voltage (V
OUT) remains stable over the
entire input operating voltage range (2.7V to 6.0V), as
well as the entire load range (0 mA to 80 mA). The
output voltage is sensed through an internal resistor
divider and compared with a precision internal voltage
reference. Several fixed-output voltages are available
by changing the value of the internal resistor divider.
Figure 4-2 shows a typical application circuit. The reg-
ulator is enabled anytime the shutdown input pin is at
or above V
IH, and shutdown (disabled) anytime the
shutdown input pin is below V
IL. For applications where
the SHDN feature is not used, tie the SHDN pin directly
to the input supply voltage source. While in shutdown,
the supply current decreases to 0.05 µA (typ.) and the
P-channel MOSFET is turned off.
As shown in Figure 4-2, batteries have internal source
impedance. An input capacitor in used to lower the
input impedance of the LDO. In some applications, high
input impedance can cause the LDO to become
unstable.
Adding
more
input
capacitance
can
compensate for this.
FIGURE 4-1:
TC1016 Block Diagram.
FIGURE 4-2:
Typical Application Circuit.
+
-
EA
V
OUT
V
REF
SHDN
V
IN
5
4
R1
R2
1
2
3
SHDN
GND
V
IN
NC
Current Limit
Over
Error Amp
Feedback Resistors
Control
Temp.
Body
Diode
V
OUT
5
4
1
2
3
SHDN
GND
V
IN
NC
R
SOURCE
C
IN
1µF Ceramic
C
OUT
1µF Ceramic
TC1016
Load


Numéro de pièce similaire - TC1016-1.8VLTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1016-1.8VLTTR MICROCHIP-TC1016-1.8VLTTR Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
More results

Description similaire - TC1016-1.8VLTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com