Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FTR-K3LJB012W Fiches technique(PDF) 1 Page - Fujitsu Component Limited.

No de pièce FTR-K3LJB012W
Description  POWER RELAY 1 POLE - 25A Latching Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K3LJB012W Fiches technique(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K3LJB012W Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K3LJB012W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K3LJB012W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K3LJB012W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K3LJB012W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K3LJB012W Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K3LJB012W Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
FTR-K1 SERIES
n
FEATURES
l
1 pole, 25A, 1 form A
l
2 coils latching type
l
High insulation (between coil and contacts)
Insulation distance:
clearance min. 6.4mm
creepage min. 9.5mm
Dielectric strength: 5,000VAC
Surge strength: 8,500V
l
Cadmium free contact for eco-program
l
Plastic materials
- UL 94 flame class V-0
l
Flux proof, cat II
l
RoHS compliant
Please see page 5 for more information
Actual marking does not carry the type name : "FTR"
E.g.: Ordering code: FTR-K3LAB012W
Actual marking: K3LAB012W
POWER RELAY
1 POLE - 25A Latching Relay
FTR-K3L Series
n
PARTNUMBER INFORMATION
FTR-K3
L
A
B
012
W
[Example]
(a)
(b) (c)
(d)
(e)
(f)
(a)
Relay type
FTR-K3: FTR-K3 Series
(b)
Operating function
L
: Latching type
(c)
Contact configuration
A
: 1 form A / PCB type
J
: 1 form A / Tab type
(d)
Coil power
B
: Standard sensitive (0.9W)
(e)
Coil rated voltage
012
: 5.....24VDC
Coil rating table at page 3
(d)
Contact material
W
: AgSnO2
Preliminary Newrelay,productionnotstarted,
engineering samples available


Numéro de pièce similaire - FTR-K3LJB012W

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K3LAB012W-PV FUJITSU-FTR-K3LAB012W-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K3LAB012W-WG FUJITSU-FTR-K3LAB012W-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K3LAB024W-PV FUJITSU-FTR-K3LAB024W-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
More results

Description similaire - FTR-K3LJB012W

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com