Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1117IMPX-5.0 Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce LM1117IMPX-5.0
Description  800mA Low-Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IMPX-5.0 Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LM1117IMPX-5.0 Datasheet HTML 18Page - Texas Instruments LM1117IMPX-5.0 Datasheet HTML 19Page - Texas Instruments LM1117IMPX-5.0 Datasheet HTML 20Page - Texas Instruments LM1117IMPX-5.0 Datasheet HTML 21Page - Texas Instruments LM1117IMPX-5.0 Datasheet HTML 22Page - Texas Instruments LM1117IMPX-5.0 Datasheet HTML 23Page - Texas Instruments LM1117IMPX-5.0 Datasheet HTML 24Page - Texas Instruments LM1117IMPX-5.0 Datasheet HTML 25Page - Texas Instruments LM1117IMPX-5.0 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM1117DTX-1.8/NOPB
PFM
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117DTX-2.5/NOPB
PFM
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117DTX-3.3/NOPB
PFM
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117DTX-5.0/NOPB
PFM
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117DTX-ADJ/NOPB
PFM
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117IDTX-3.3/NOPB
PFM
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117IDTX-5.0/NOPB
PFM
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117IDTX-ADJ/NOPB
PFM
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117ILD-ADJ/NOPB
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM1117IMP-3.3/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMP-5.0/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMP-ADJ/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMPX-3.3
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMPX-3.3/NOPB SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMPX-5.0
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMPX-5.0/NOPB SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMPX-ADJ/NOPB SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117LD-1.8/NOPB
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Nov-2012
Pack Materials-Page 1


Numéro de pièce similaire - LM1117IMPX-5.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1117IMPX-5.0 NSC-LM1117IMPX-5.0 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117IMPX-5.0 NSC-LM1117IMPX-5.0 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117IMPX-5.0 TI1-LM1117IMPX-5.0 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMPX-5.0 TI1-LM1117IMPX-5.0 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMPX-5.0 TI1-LM1117IMPX-5.0 Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results

Description similaire - LM1117IMPX-5.0

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com