Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS6982 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FDS6982
Description  Dual N-Channel, Notebook Power Supply MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6982 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FDS6982 Datasheet HTML 4Page - Fairchild Semiconductor FDS6982 Datasheet HTML 5Page - Fairchild Semiconductor FDS6982 Datasheet HTML 6Page - Fairchild Semiconductor FDS6982 Datasheet HTML 7Page - Fairchild Semiconductor FDS6982 Datasheet HTML 8Page - Fairchild Semiconductor FDS6982 Datasheet HTML 9Page - Fairchild Semiconductor FDS6982 Datasheet HTML 10Page - Fairchild Semiconductor FDS6982 Datasheet HTML 11Page - Fairchild Semiconductor FDS6982 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 1998 Fairchild Semiconductor Corporation
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOIC(8lds)
(12mm)
6.50
+/-0.10
5.30
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.60
+/-0.10
1.75
+/-0.10
10.25
min
5.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
2.1
+/-0.10
0.450
+/-
0.150
9.2
+/-0.3
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12mm
7” Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
5.906
150
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
12mm
13” Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
7.00
178
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
See detail AA
Dim A
max
13” Diameter Option
7” Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOIC(8lds) Embossed Carrier Tape
Configuration: Figure 3.0
SOIC(8lds) Reel Configuration: Figure 4.0
SO-8 Tape and Reel Data and Package Dimensions, continued
November 1998, Rev. A


Numéro de pièce similaire - FDS6982

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results

Description similaire - FDS6982

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDQ7698S FAIRCHILD-FDQ7698S Datasheet
299Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com