Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS6680 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDS6680
Description  Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6680 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDS6680 Datasheet HTML 1Page - Fairchild Semiconductor FDS6680 Datasheet HTML 2Page - Fairchild Semiconductor FDS6680 Datasheet HTML 3Page - Fairchild Semiconductor FDS6680 Datasheet HTML 4Page - Fairchild Semiconductor FDS6680 Datasheet HTML 5Page - Fairchild Semiconductor FDS6680 Datasheet HTML 6Page - Fairchild Semiconductor FDS6680 Datasheet HTML 7Page - Fairchild Semiconductor FDS6680 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics
(T
A = 25
OC unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, I D = 250 µA
30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
23
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
1
µA
T
J = 55°C
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.7
3
V
V
GS(th)/TJ
Gate Threshold Voltage Temp.Coefficient
I
D = 250 µA, Referenced to 25
oC
-5
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 11.5 A
0.0085
0.01
T
J =125°C
0.014
0.017
V
GS = 4.5 V, ID = 9.5 A
0.0125
0.015
I
D(ON)
On-State Drain Current
V
GS = 10 V, VDS = 5 V
50
A
g
FS
Forward Transconductance
V
DS = 15 V, ID = 11.5 A
40
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 15 V, VGS = 0 V,
f = 1.0 MHz
2070
pF
C
oss
Output Capacitance
510
pF
C
rss
Reverse Transfer Capacitance
235
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DS= 15 V, I D = 1 A
13
21
ns
t
r
Turn - On Rise Time
V
GS = 10 V , RGEN = 6 Ω
10
18
ns
t
D(off)
Turn - Off Delay Time
36
58
ns
t
f
Turn - Off Fall Time
13
23
ns
Q
g
Total Gate Charge
V
DS = 15 V, ID = 11.5 A,
19
27
nC
Q
gs
Gate-Source Charge
V
GS = 5 V
7
nC
Q
gd
Gate-Drain Charge
6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
2.1
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 2.1 A
(Note 2)
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDS6680 Rev.E1
c. 125
OC/W on a 0.006 in2 pad
of 2oz copper.
b. 105
OC/W on a 0.04 in2
pad of 2oz copper.
a. 50
OC/W on a 1 in2 pad
of 2oz copper.


Numéro de pièce similaire - FDS6680

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDS6680 UMW-FDS6680 Datasheet
408Kb / 6P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDS6680A FAIRCHILD-FDS6680A Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
logo
Guangdong Youtai Semico...
FDS6680A UMW-FDS6680A Datasheet
408Kb / 6P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Description similaire - FDS6680

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS4410 FAIRCHILD-FDS4410 Datasheet
241Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690 FAIRCHILD-FDS6690 Datasheet
203Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
SI4884DY FAIRCHILD-SI4884DY Datasheet
94Kb / 5P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com