Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LD05-20 Datasheet(Fiches technique) 1 Page - AVX Corporation

Numéro de pièce LD05-20
Description  Tip & Ring Tin/Lead Termination “B” Multilayer Ceramic Chip Capacitors
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

LD05-20 Datasheet(HTML) 1 Page - AVX Corporation

  LD05-20 Datasheet HTML 1Page - AVX Corporation LD05-20 Datenblatt HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
102
Tip & Ring Tin/Lead Termination ?B?
Multilayer Ceramic Chip Capacitors
AVX Corporation will support customers for commercial and military Multilayer
Ceramic Capacitors with a termination consisting of 5% minimum lead. This
termination is indicated by the use of a ?B? in the 12th position of the AVX
Catalog Part Number. This fulfills AVX?s commitment to providing a full range of
products to our customers. AVX has provided in the following pages, a full range
of values that we are offering in this ?B? termination.
AVX ?Tip & Ring? or ?ring detector? Multilayer Ceramic Chip Capacitors are
designed as a standard telecom filter to block -48 Volts DC telephone line volt-
age and pass subscriber?s AC signal pulse (16 to 25Hz, 70 to 90 VRMS). The
typical ringing signal is seen on figure on page 103. The ringer capacitors
replace large leaded film capacitors and are ideal for telecom/modem applica-
tions. Using AVX ?Tip and Ring? capacitors not only saves valuable real estate
on the board and reduces the weight of the overall product, but also features
standard surface mounting capabilities, so critical to new and compact designs.
The AVX ?Tip & Ring? capacitors are offered in standard EIA sizes and
standard values. They offer excellent high frequency performance, low ESR
and improved temperature performance over film capacitors.
STYLE (SIZE)
LD05 (0805)
LD06 (1206)
LD10* (1210)
LD08* (1808)
LD12* (1812)
LD13* (1825)
LD20* (2220)
LD14* (2225)
(L) Length
2.01 0.20
3.20 0.20
3.2 0.20
4.57 0.25
4.50 0.30
4.50 0.30
5.60 0.30
5.60 0.25
(0.079 0.008) (0.126 0.008) (0.126 0.008) (0.180 0.010) (0.177 0.012) (0.177 0.012) (0.220 0.012) (0.220 0.010)
(W)Width
1.25 0.20
1.60 0.20
2.50 0.20
2.03 0.25
3.2 0.20
6.34 0.30
5.10 0.40
6.35 0.25
(0.049 0.008) (0.063 0.008) (0.098 0.008) (0.080 0.010) (0.126 0.008) (0.252 0.012) (0.200 0.016) (0.250 0.010)
(T) Thickness
1.30 max.
1.50 max.
1.78 max.
1.78 max.
2.00 max.
2.00max.
2.00 max.
2.00 max.
(0.051 max.)
(0.059 max.)
(0.070 max.)
(0.070 max.)
(0.080 max.)
(0.080 max.)
(0.080 max.)
(0.080 max.)
(t) terminal
0.50 0.25
0.50 0.25
0.50 0.25
0.63 0.38
0.63 0.38
0.63 0.38
0.63 0.38
0.63 0.38
(0.020 0.010) (0.020 0.010) (0.020 0.010) (0.025 0.015) (0.025 0.015) (0.025 0.015) (0.025 0.015) (0.025 0.015)
DIMENSIONS
millimeters (inches)
*Reflow Soldering Only
W
L
T
t
HOW TO ORDER
LD12
AVX
Style
LD05 - 0805
LD06 - 1206
LD10 - 1210
LD08 - 1808
LD12 - 1812
LD13 - 1825
LD20 - 2220
LD14 - 2225
C
Temperature
Coefficient
X7R
104
Capacitance Code
(2 significant digits
+ no. of zeros)
Examples:
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1 ?F = 105
K
Capacitance
Tolerance
K = 10%
M = 20%
A
Test
Level
A = Standard
1
Packaging
1 = 7" Reel
3 = 13" Reel
9 = Bulk
A
Special Code
A = Standard
P
Voltage
250 VDC
Telco
Rating
B
Termination
B = 5% Min Pb
X = FLEXITERM
5% min. Pb
Contact factory for availability of Termination and Tolerance options for Specific Part Numbers.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn